Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA393DTF Datasheet(PDF) 7 Page - ON Semiconductor

Part # KA393DTF
Description  Dual Differential Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA393DTF Datasheet(HTML) 7 Page - ON Semiconductor

  KA393DTF Datasheet HTML 1Page - ON Semiconductor KA393DTF Datasheet HTML 2Page - ON Semiconductor KA393DTF Datasheet HTML 3Page - ON Semiconductor KA393DTF Datasheet HTML 4Page - ON Semiconductor KA393DTF Datasheet HTML 5Page - ON Semiconductor KA393DTF Datasheet HTML 6Page - ON Semiconductor KA393DTF Datasheet HTML 7Page - ON Semiconductor KA393DTF Datasheet HTML 8Page - ON Semiconductor KA393DTF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
6
Physical Dimensions
Figure 1. 8-Lead, DIP, JEDEC MS-001, .300" Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically the
warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.
C
7° TYP
7° TYP
.430 MAX
[10.92]
B
A
.400
.373
[10.15
9.46
]
.250±.005 [6.35±0.13]
.036 [0.9 TYP]
.070
.045
[1.78
1.14
]
.100
[2.54]
.300
[7.62]
.060 MAX
[1.52]
.310±.010 [7.87±0.25]
.130±.005 [3.3±0.13]
.210 MAX
[5.33]
.140
.125
[3.55
3.17
]
.015 MIN
[0.38]
.021
.015
[0.53
0.37
]
.010
+.005
-.000
[0.254+0.127
-0.000
]
PIN #1
PIN #1
(.032) [R0.813]
(.092) [Ø2.337]
TOP VIEW
OPTION 1
TOP VIEW
OPTION 2
.001[.025]
C
N08EREVG
C. DOES NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
DAMBAR PROTRUSIONS SHALL NOT EXCEED
D. DOES NOT INCLUDE DAMBAR PROTRUSIONS.
B. CONTROLING DIMENSIONS ARE IN INCHES
A. CONFORMS TO JEDEC REGISTRATION MS-001,
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED
VARIATIONS BA
E. DIMENSIONING AND TOLERANCING
NOTES:
REFERENCE DIMENSIONS ARE IN MILLIMETERS
.010 INCHES OR 0.25MM.
.010 INCHES OR 0.25MM.
PER ASME Y14.5M-1994.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com