Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA393DTF Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA393DTF
Description  Dual Differential Comparator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA393DTF Datasheet(HTML) 2 Page - ON Semiconductor

  KA393DTF Datasheet HTML 1Page - ON Semiconductor KA393DTF Datasheet HTML 2Page - ON Semiconductor KA393DTF Datasheet HTML 3Page - ON Semiconductor KA393DTF Datasheet HTML 4Page - ON Semiconductor KA393DTF Datasheet HTML 5Page - ON Semiconductor KA393DTF Datasheet HTML 6Page - ON Semiconductor KA393DTF Datasheet HTML 7Page - ON Semiconductor KA393DTF Datasheet HTML 8Page - ON Semiconductor KA393DTF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
June 2011
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA393 / KA2903 • Rev. 1.0.3
KA393 / KA393A, KA2903
Dual Differential Comparator
Features
Single Supply Operation: 2V to 36V
Dual Supply Operation: ±1V to ±18V
Allow Comparison of Voltages Near Ground
Potential
Low Current Drain: 800µA Typical
Compatible with all Forms of Logic
Low Input Bias Current: 25nA Typical
Low Input Offset Current: ±5nA Typical
Low Offset Voltage: ±1mV Typical
Description
The KA393 / KA393A / KA2903 series consists of two
independent voltage comparators designed to operate
from a single power supply over a wide voltage range.
Figure 1. DIP Package
Figure 2. SOIC Package
Figure 3. Block Diagram
Figure 4. Schematic
Ordering Information
Part Number
Operating Temperature Range
Package
Packing Method
KA393
0 to 70°C
8-Lead DIP
Tube
KA393A
0 to 70°C
Tube
KA393DTF
0 to 70°C
8-Lead SOIC
Tape and Reel
KA393ADTF
0 to 70°C
Tape and Reel
KA2903DTF
-40 to 85°C
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com