Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLS Datasheet(PDF) 2 Page - Littelfuse

Part # JLS
Description  600 VAC ??Fast-Acting ??1-600 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLS Datasheet(HTML) 2 Page - Littelfuse

  JLS Datasheet HTML 1Page - Littelfuse JLS Datasheet HTML 2Page - Littelfuse JLS Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2017 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 062617
2 of 3
POWR-GARD® Fuse Datasheet
CLASS J – JLS SERIES FUSES
A
C
D
G
F
E
H
A
B
C
D
Fig. 1
Fig. 2
Dimensions Inches (mm)
AMPERES
REFER TO
FIG. NO.
DIMENSIONS INCHES (mm)
A
B
C
D
E
F
G
H
1 – 30
1
21⁄4 (57.2)
—
1
⁄2 (12.7)
13
⁄16 (20.6)
—
—
—
—
35 – 60
1
23⁄8 (60.3)
—
5
⁄8 (15.9)
11⁄16 (27.0)
—
—
—
—
70 – 100
2
25⁄8 (66.7)
317⁄32 (89.7)
323⁄32 (94.5)
45⁄8 (117.5)
1 (25.4)
3
⁄4 (19.1)
9
⁄32 (7.1)
1
⁄8 (3.2)
110 – 200
2
3 (76.2)
49⁄32 (108.7)
415⁄32 (113.5)
53⁄4 (146.1)
11⁄2 (38.1)
11⁄8 (28.6)
9
⁄32 (7.1)
3
⁄16 (4.8)
225 – 400
2
33⁄8 (85.7)
51⁄8 (130.2)
53⁄8 (136.5)
71⁄8 (181.0)
2 (50.8)
15⁄8 (41.3)
13
⁄32 (10.3)
1
⁄4 (6.4)
450 – 600
2
33⁄4 (95.3)
527⁄32 (148.4)
65⁄32 (156.4)
8 (203.2)
21⁄2 (63.5)
2 (50.8)
17
⁄32 (13.5)
3
⁄8 (9.5)
Dimensions
Current-Limiting Effects of JLS (600 V) Fuses
SHORT CIRCUIT
CURRENT†
APPARENT RMS SYMMETRICAL CURRENT FOR VARIOUS FUSE RATINGS
30 A
60 A
100 A
200 A
400 A
600 A
5,000
750
1,450
1,650
2,600
4,450
5,000
10,000
925
1,800
2,050
3,200
5,450
8,700
15,000
1,050
2,025
2,350
3,600
6,200
9,650
20,000
1,150
2,225
2,570
3,950
6,700
10,400
25,000
1,225
2,375
2,750
4,200
7,200
11,000
30,000
1,300
2,500
2,900
4,400
7,500
11,750
35,000
1,350
2,600
3,050
4,650
7,900
12,250
40,000
1,425
2,725
3,200
4,850
8,200
12,500
50,000
1,525
2,900
3,450
5,200
8,750
13,500
60,000
1,600
3,100
3,650
5,500
9,250
14,000
80,000
1,775
3,375
4,000
6,000
10,000
15,000
100,000
1,900
3,600
4,250
6,400
10,800
16,000
150,000
2,125
4,050
4,900
7,300
12,150
18,000
200,000
2,350
4,450
5,300
8,000
13,150
19,250
†Prospective RMS Symmetrical Amperes Short-Circuit Current
Note: Data derived from Peak Let-Thru Curves



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com