Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLS Datasheet(PDF) 1 Page - Littelfuse

Part # JLS
Description  600 VAC ??Fast-Acting ??1-600 A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLS Datasheet(HTML) 1 Page - Littelfuse

  JLS Datasheet HTML 1Page - Littelfuse JLS Datasheet HTML 2Page - Littelfuse JLS Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2017 Littelfuse POWR-GARD® Products
www.littelfuse.com
Rev: 062617
1 of 3
POWR-GARD® Fuse Datasheet
CLASS J – JLS SERIES FUSES
600 VAC • Fast-Acting • 1-600 A
AMPERE RATINGS
1
20
45
90
175
350
3
25
50
100
200
400
6
30
60
110
225
450
10
35
70
125
250
500
15
40
80
150
300
600
Description
The UL Listed Class J JLS Series fuses provide space
saving, fast-acting overload and short-circuit protection for
vital industrial and power conversion applications.
Littelfuse’s  JLS Series fuses offer best in class current
limitation that prevents equipment damage from overcurrent
faults.
Features and Benefits
•
Superior performance in a space saving package
•
Reliable interruption of all overcurrents with protection
up to 200kA
•
Extremely current limiting
•
Fast-acting protection for surge-sensitive devices and
components
•
Reduces heating and magnetic effects due to
overcurrents, extending equipment life
•
Economical and readily available
Applications
•
Power conversion device protection
•
Variable speed drives
•
Rectifiers
•
Resistive loads
•
Solid-state devices
100
1000
10000
100000
1000000
600 A
400 A
200 A
100 A
60 A
30 A
AVAILABLE FAULT CURRENT
SYMMETRICAL R. M. S. AMPERES
05567005
SERIES AMPERAGE
CATALOG
NUMBER
ORDERING
NUMBER
JLS
110
JLS110
0JLS110.X
Ordering Information
Dimensions
Please refer to the Class J dimensions on page 2
Web Resources
Download TC curves, CAD drawings and other technical
information: littelfuse.com/jls
Recommended Fuse Holders
LFJ60 Series
LFPSJ Series (8⁄10–60 A)
QPL
JLS
Peak Let-Thru Curve
Specifications
Voltage Ratings
600 VAC
Interrupting Ratings
200 kA rms symmetrical
Ampere Range
1–600 A
Approvals
Standard 248-8, Class J
UL Listed (File: E81895)
CSA Certified (File: LR29862)
Federal Specification WF-1814
(QPL-W-F-1814)


Similar Part No. - JLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
More results

Similar Description - JLS

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Littelfuse
CCMR LITTELFUSE-CCMR_17 Datasheet
670Kb / 7P
600 Vac
JTD LITTELFUSE-JTD_16 Datasheet
438Kb / 3P
600 Vac
KLKR LITTELFUSE-KLKR_18 Datasheet
208Kb / 2P
600 VAC
KLLU LITTELFUSE-KLLU_12 Datasheet
435Kb / 2P
600 VAC
KLQ LITTELFUSE-KLQ_16 Datasheet
300Kb / 2P
600 Vac ??1-6 A ??Time Delay
logo
Eaton All Rights Reserv...
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
logo
Littelfuse
JLLS LITTELFUSE-JLLS_V02 Datasheet
361Kb / 6P
600 V ac • Fast-Acting • 1–1200 A
07/14/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com