Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD32L-SH2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LADLD32L-SH2-R
Description  ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD32L-SH2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LADLD32L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LXXLD32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-A87.E
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage (VCNTL to GND)
VCNTL
-0.3 ~ +7
V
Supply Voltage (VIN to GND)
VIN
-0.3 ~ + 4.0
V
EN and FB to GND
VI/O
-0.3 ~ VCNTL+0.3
V
POK to GND
VPOK
-0.3 ~ +7
V
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Control
VCNTL
3~ 5.5
V
Supply Voltage
Input
VIN
1.2~ 3.65
V
VCNTL=3.3±5%
0.8 ~ 1.2
V
Output Voltage
VCNTL=5.0±5%
VOUT
+0.8 ~ VIN-0.2
V
Output Current
IOUT
0 ~ 3
A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
90
°C/W
Note: θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. The
exposed pad of HSOP-8 is soldered directly on the PCB.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com