Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LADLD32L-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LADLD32L-SH2-R
Description  ULTRA LOW DROPOUT LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LADLD32L-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LADLD32L-SH2-R Datasheet HTML 1Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 2Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 3Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 4Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 5Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 6Page - Unisonic Technologies LADLD32L-SH2-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LXXLD32
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R502-A87.E
3A, ULTRA LOW DROPOUT
(0.23V@3A) LINEAR REGULATOR
DESCRIPTION
The UTC LXXLD32 is a typical LDO with the features of very low
dropout voltage as low as 0.23V at output current 3A.
For normal operation, two supply voltages are necessary. One called
control voltage from other equipment can shutdown the output voltage
and it should pull and hold the voltage of EN pin less than 0.5V. Another
one is the main supply voltage whose purpose is for main power
conversion, to keep the power dissipation low, and to make the dropout
voltage lower.
Internally, in the UTC LXXLD32, there’re many functions which can
be seen in the block figure to prevent the IC from being damaged.
Internal Power-On-Reset (POR) circuit can control the two supply
voltages to prevent fault operations of the circuit; the thermal shutdown
circuit is able to protect the device from over thermal operation, and a
current limit function will keep the device work safely under current
over-loads.
The UTC LXXLD32 can be used as an ideal to provide well supply
voltage in the applications, such as front-side-bus termination on
motherboard, NB applications, front side bus VTT (1.2V/3A) and note
book PC applications.
HSOP-8
FEATURES
* Compatible with LXXLD30
* Low Dropout VD=0.23V(typ.)@ IOUT=3A
* Low ESR Output Capacitor
* VREF=0.8V
* Fast Transient Response
* Output Voltage Adjustable through External Resistors
* POR(Power-On-Reset) controlling VCNTL and VIN
* With internal Soft-Start
* Internal Current Limit Protection
* Internal Under Voltage Protection
* Hysteretic Thermal Shutdown
* With Power-OK Output (with a Delay Time)
* Low Shutdown Quiescent Current (<30 uA)
* Shutdown/Enable Control Function
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LXXLD32L-SH2-R
LXXLD32G-SH2-R
HSOP-8
Tape Reel
Note: XX: Output Voltage, refer to Marking Information.


Similar Part No. - LADLD32L-SH2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LADLD30 UTC-LADLD30 Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD30G-SH2-R UTC-LADLD30G-SH2-R Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD30G-SH2-R UTC-LADLD30G-SH2-R Datasheet
250Kb / 7P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD30L-SH2-R UTC-LADLD30L-SH2-R Datasheet
220Kb / 8P
0.8V REFERENCE ULTRA LOW DROPOUT LINEAR REGULATOR
LADLD36G-SH2-R UTC-LADLD36G-SH2-R Datasheet
238Kb / 7P
ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - LADLD32L-SH2-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
300mA Ultra Low Dropout Linear Regulator
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9081A RICHTEK-RT9081A Datasheet
257Kb / 12P
Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com