Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9101G-29-AE2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR9101G-29-AE2-R
Description  LOW NOISE 300mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9101G-29-AE2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LR9101G-29-AE2-R Datasheet HTML 1Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 2Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 3Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 4Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR9101
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-A14.L
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
6
V
Input Voltage (CE Pin)
VCE
6
V
Output Voltage
VOUT
-0.3~ VIN+0.3
V
Output Current
IOUT
400
mA
SOT-23/SOT-23-3
280
mW
SOT-23-5
300
mW
SOT-343
250
mW
Power Dissipation
SOT-353
PD
260
mW
Junction Temperature
TJ
+125
°С
Operating Temperature
TOPR
-40~+85
°С
Storage Temperature
TSTG
-55~+125
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
(TA=25°С, VIN=Set VOUT+1V, IOUT=1mA, CI =CO=1µF, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT > 2.0V
×0.99
×1.01
V
Output Voltage
VOUT
VIN = Set VOUT+1V,
VOUT ≤ 2.0V
±20
mV
Input Voltage
VIN
6
V
Load Regulation
∆VOUT
1mA≤IOUT≤150mA
20
40
mV
Output Current
IOUT
300
mA
Supply Current
ISS
I OUT=0A
50
µA
Supply Current (Standby)
IST-BY
VCE=0V
0.1
2
µA
Short Current Limit
ILIMIT
VOUT=0V
200
mA
CE Pull-down Current
IPD
0.3
µA
High
VCEH
1.5
V
CE Input Voltage
Low
VCEL
1.1
V
Output Noise
eN
BW=10Hz to 100kHz, IOUT =30mA
30
µVrms
Ripple Rejection
RR
f=1kHz, Ripple 0.2VRMS
VIN=Set VOUT+1V, IOUT=30mA
(In case that V OUT=2.0V, VIN=3V)
70
dB
1.0V≤VOUT<1.2V
0.60
1.2V≤VOUT<1.5V
0.40
1.5V≤VOUT<1.7V
0.24
1.7V≤VOUT<2.0V
0.21
2.0V≤VOUT<2.5V
0.19
2.5V≤VOUT<2.8V
0.17
Dropout Voltage
VD
IOUT=150mA
2.8V≤VOUT≤5.0V
0.15
V
Line Regulation
IN
OUT
∆V
∆V
1.2V≤VOUT≤4.0V,
VSET+0.5V≤VIN≤5V
0.02
0.10
%/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com