Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR9101G-29-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR9101G-29-AE2-R
Description  LOW NOISE 300mA LDO REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9101G-29-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR9101G-29-AE2-R Datasheet HTML 1Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 2Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 3Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 4Page - Unisonic Technologies LR9101G-29-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR9101
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-A14.L
LOW NOISE 300mA LDO
REGULATOR
DESCRIPTION
The UTC LR9101 is a typical LDO (linear regulator) with the
features of high output voltage accuracy, low supply current, low
ON-resistance, and high ripple rejection.
During operation of the UTC LR9101, the dropout voltage is
very low and the response of line transient and load transient are
very well.
Internally, there’re many functions of UTC LR9101 which can
be seen in the block figure. There are a voltage reference unit, an
error amplifier, resistor-net for voltage setting, a current limit circuit,
and a chip enable circuit in each UTC LR9101.
The UTC LR9101 can be used as an ideal of the power supply
for hand-held communication equipment, such as: power source for
portable communication equipment, power source for electrical
appliances, for example, cameras, VCRs and camcorders and
power source for battery-powered equipment.
FEATURES
* Supply Current:
50µA (Typ.)
* Standby Mode:
0.1µA (Typ.)
* Ripple Rejection:
70dB (Typ.) @ f=1kHz,VOUT=2.5V
* Well Line Regulation:
0.02%/ V (Typ.)
* CIN=COUT=1µF or more (Ceramic capacitors) are recommended to
be used with this IC
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR9101L-xx-AE2-R
LR9101G-xx-AE2-R
SOT-23-3
Tape Reel
LR9101L-xx-AE3-R
LR9101G-xx-AE3-R
SOT-23
Tape Reel
LR9101L-xx-AE5-R
LR9101G-xx-AE5-R
SOT-23-5
Tape Reel
LR9101L-xx-AL4-R
LR9101G-xx-AL4-R
SOT-343
Tape Reel
LR9101L-xx-AL5-R
LR9101G-xx-AL5-R
SOT-353
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR9101G-29-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9101G-25-AE5-R UTC-LR9101G-25-AE5-R Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101G-25-AL4-R UTC-LR9101G-25-AL4-R Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101G-25-AL5-R UTC-LR9101G-25-AL5-R Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101G-27-AE5-R UTC-LR9101G-27-AE5-R Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9101G-27-AL4-R UTC-LR9101G-27-AL4-R Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
More results

Similar Description - LR9101G-29-AE2-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP101X RICOH-RP101X Datasheet
705Kb / 31P
LOW NOISE 300mA LDO REGULATOR
RP102X RICOH-RP102X Datasheet
1Mb / 32P
LOW NOISE 300mA LDO REGULATOR
logo
Unisonic Technologies
LR9101 UTC-LR9101 Datasheet
191Kb / 4P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
logo
RICOH electronics devic...
RP102K121B RICOH-RP102K121B_17 Datasheet
376Kb / 30P
LOW NOISE 300mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
LR9113 UTC-LR9113 Datasheet
536Kb / 10P
LOW NOISE 300mA LDO REGULATOR
LR9133 UTC-LR9133 Datasheet
194Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
Semtech Corporation
SC573 SEMTECH-SC573 Datasheet
1Mb / 17P
300mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com