Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1671L-D08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM1671L-D08-R
Description  LOW VOLTAGE OPERATING DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM1671L-D08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM1671L-D08-R Datasheet HTML 1Page - Unisonic Technologies UM1671L-D08-R Datasheet HTML 2Page - Unisonic Technologies UM1671L-D08-R Datasheet HTML 3Page - Unisonic Technologies UM1671L-D08-R Datasheet HTML 4Page - Unisonic Technologies UM1671L-D08-R Datasheet HTML 5Page - Unisonic Technologies UM1671L-D08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM1671
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2017 Unisonic Technologies Co., Ltd
QW-R502-827.C
LOW VOLTAGE OPERATING
75Ω DRIVER
DESCRIPTION
The UTC UM1671 is a low voltage operating 75Ω driver,
operating supply voltage from 2.8V to 5.5V. Including a
high-performance 4-order LPF, a available output gain built-in amp
and a sag auxiliary circuit, etc.
The UTC UM1671 is suitable for video signal output in devices
ranging from portable equipment such as digital still cameras to
stationary equipment such as DVD players.
FEATURES
* Supports 3V and 5V systems
* High-precision voltage gain
* Including a high-performance 4-order LPF, a available output gain
built-in amp and a sag auxiliary circuit
DIP-8
SOT-26
4
5
3
2
1
6
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM1671L-AG6-R
UM1671G-AG6-R
SOT-26
Tape Reel
UM1671L-D08-R
UM1671G-D08-R
DIP-8
Tube
UM1671G-AG6-R
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel
(2) AG6: SOT-26, D08: DIP-8
(3) G: Halogen Free and Lead Free, L: Lead Free
MARKING
SOT-26
DIP-8


Similar Part No. - UM1671L-D08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM1671L-AG6-R UTC-UM1671L-AG6-R Datasheet
179Kb / 6P
LOW VOLTAGE OPERATING 75廓 DRIVER
More results

Similar Description - UM1671L-D08-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62725P TOSHIBA-TB62725P Datasheet
313Kb / 15P
8BIT CONSTANT CURRENT LED DRIVER OF OPERATING VOLTAGE 3.3V
logo
EM Microelectronic - MA...
EM5060 EMMICRO-EM5060 Datasheet
68Kb / 4P
Low Voltage CMOS Driver Circuit
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Mitsumi Electronics, Co...
MM1671 MITSUMI-MM1671 Datasheet
77Kb / 12P
Low Voltage Operating 75hom Driver
logo
Unisonic Technologies
UM1671 UTC-UM1671 Datasheet
179Kb / 6P
LOW VOLTAGE OPERATING 75廓 DRIVER
logo
Rohm
TLR342XXX ROHM-TLR342XXX Datasheet
1Mb / 38P
Low Operating Supply Voltage
logo
Alpha & Omega Semicondu...
AOZ8040 AOSMD-AOZ8040 Datasheet
388Kb / 7P
Low operating voltage: 5.0V
logo
Dialog Semiconductor
SLG55031 DIALOG-SLG55031 Datasheet
128Kb / 12P
Low Voltage Gate Driver
logo
First Silicon Co., Ltd
FTVE24EC FS-FTVE24EC Datasheet
246Kb / 4P
Low operating voltage:
2022. 01. 20 Revision No : 0
logo
Renesas Technology Corp
SLG55031 RENESAS-SLG55031 Datasheet
308Kb / 13P
Low Voltage Gate Driver
February 9, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com