Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2007N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF2007N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2007N Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF2007N Datasheet HTML 1Page - NXP Semiconductors MMRF2007N Datasheet HTML 2Page - NXP Semiconductors MMRF2007N Datasheet HTML 3Page - NXP Semiconductors MMRF2007N Datasheet HTML 4Page - NXP Semiconductors MMRF2007N Datasheet HTML 5Page - NXP Semiconductors MMRF2007N Datasheet HTML 6Page - NXP Semiconductors MMRF2007N Datasheet HTML 7Page - NXP Semiconductors MMRF2007N Datasheet HTML 8Page - NXP Semiconductors MMRF2007N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MMRF2007N MMRF2007GN
5
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
820
Gps
IMD
f, FREQUENCY (MHz)
Figure 4. Two--Tone Broadband Performance
@Pout = 35 Watts Avg.
26
36
35
34
--32
44
42
40
38
--27
--28
--29
--30
33
32
31
30
29
28
27
840
860
880
900
920
940
960
980
36
--31
VDD1 =28 Vdc,VDD2 =25 Vdc,IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA, Pout =35 W (Avg.)
200 kHz Tone Spacing
Figure 5. Intermodulation Distortion Products
versus Two--Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
--10
--20
--30
--50
1
100
--40
IM3--U
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
PAE
Figure 6. Power Gain, Power Added Efficiency and
Intermodulation Distortion Products versus
Average Output Power
35
Pout, OUTPUT POWER (WATTS)
33
31
29
20
34
32
30
10
30
40
60
0
60
50
40
30
20
10
50
IMD
--60
0
--10
--20
--40
--30
--50
Gps
PAE
VDD1 =28 Vdc,VDD2 =25 Vdc,IDQ1(A+B) =60 mA
IDQ2(A+B) = 550 mA, f1 = 939.9 MHz, f2 = 940.1 MHz
VDD1 =28 Vdc,VDD2 =25 Vdc,Pout = 71 W (PEP)
IDQ1(A+B) =60 mA, IDQ2(A+B) = 550 mA
Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com