Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2007N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF2007N
Description  RF LDMOS Wideband Integrated Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2007N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF2007N Datasheet HTML 1Page - NXP Semiconductors MMRF2007N Datasheet HTML 2Page - NXP Semiconductors MMRF2007N Datasheet HTML 3Page - NXP Semiconductors MMRF2007N Datasheet HTML 4Page - NXP Semiconductors MMRF2007N Datasheet HTML 5Page - NXP Semiconductors MMRF2007N Datasheet HTML 6Page - NXP Semiconductors MMRF2007N Datasheet HTML 7Page - NXP Semiconductors MMRF2007N Datasheet HTML 8Page - NXP Semiconductors MMRF2007N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MMRF2007N MMRF2007GN
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifiers
The MMRF2007N wideband integrated circuit is designed with on--chip
pre--matching that makes it usable from 136 to 940 MHz. This multi--stage
structure is rated for 26 to 32 V operation, has a 2--stage design with off--chip
matching for the input and covers all typical modulation formats. This device is
ideal for use in military and commercial VHF and UHF radio base station or
radar driver applications.
Typical Two--Tone Performance: VDD1 =28 Vdc,VDD2 =25 Vdc,
IDQ1(A+B) =60 mA, IDQ2(A+B) = 550 mA, Pout =35 W Avg.
Frequency
Gps
(dB)
PAE
(%)
IMD
(dBc)
850 MHz
30.6
40.1
–30.5
900 MHz
31.9
42.4
–31.0
940 MHz
32.6
42.1
–31.3
 Capable of Handling 10:1 VSWR, @ 32 Vdc, 940 MHz, 137 W CW Output
Power (3 dB Input Overdrive from Rated Pout), Designed for
Enhanced Ruggedness
Features
 Characterized with series equivalent large--signal impedance parameters and
common source S--parameters
 On--chip prematching. On--chip stabilization.
 Integrated quiescent current temperature compensation with
enable/disable function (1)
 Integrated ESD protection
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
RFin2A
GND
RFout2A/
VD2A
2
3
4
5
8
9
16
10
11
12
RFout1A/VD1A
GND
VG1A
RFout2B/
VD2B
15
7
13
(Top View)
6
1
14
RFin2A
RFin1A
RFout2A/VD2A
RFout2B/VD2B
RFout1A/VD1A
VG1A
VG2A
RFout1B/VD1B
VG1B
RFin1B
VG2B
RFin2B
Quiescent Current
Temperature Compensation (1)
Quiescent Current
Temperature Compensation (1)
RFin1A
VG2A
VG2B
RFin1B
VG1B
GND
GND
RFout1B/VD1B
RFin2B
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf and search for AN1977 or AN1987.
Document Number: MMRF2007N
Rev. 0, 6/2015
Freescale Semiconductor
Technical Data
136–940 MHz, 35 W AVG., 28 V
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
MMRF2007N
MMRF2007GN
TO--270WBL--16
PLASTIC
MMRF2007N
TO--270WBLG--16
PLASTIC
MMRF2007GN
 Freescale Semiconductor, Inc., 2015. All rights reserved.


Similar Part No. - MMRF2007N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF2004NB NXP-MMRF2004NB Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2004NBR1 NXP-MMRF2004NBR1 Datasheet
804Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 12/2013
MMRF2005GN NXP-MMRF2005GN Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2005N NXP-MMRF2005N Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2006N NXP-MMRF2006N Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
More results

Similar Description - MMRF2007N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
MW4IC2230 NXP-MW4IC2230 Datasheet
767Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 5, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com