Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRIMPFOX-RCT-70-1 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # CRIMPFOX-RCT-70-1
Description  Crimping pliers, for uninsulated tube lugs, 10 - 70 mm짼, indent crimp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-RCT-70-1 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  CRIMPFOX-RCT-70-1 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-RCT-70-1 Datasheet HTML 2Page - PHOENIX CONTACT CRIMPFOX-RCT-70-1 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212732
03/10/2016   Page 1 / 3
Crimping pliers - CRIMPFOX-RCT 70-1 - 1212732
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimping pliers, for uninsulated tube lugs, 10 - 70 mm², indent crimp
Product Features
■ Ergonomically designed handles ensure an optimum grip and help avoid fatigue when working.
■ Crimping pliers for uninsulated tube lugs
■ Compact and lightweight design
■ Unlockable pressure lock
Key Commercial Data
Packing unit
1 pc
Weight per Piece (excluding packing)
3060.0 g
Custom tariff number
82032000
Country of origin
Sweden
Technical data
Dimensions
Length (b)
492 mm
Width (a)
44 mm
Height
80 mm
General
Color
black
Compression
Indent crimp
Type of contact
CU conduit lugs
Designation
Crimping position 1
Max. cross section
10 mm²


Similar Part No. - CRIMPFOX-RCT-70-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-RCT-25-1 PHOENIX-CRIMPFOX-RCT-25-1 Datasheet
48Kb / 2P
Spare die for CRIMPFOX-RCT 25-1
More results

Similar Description - CRIMPFOX-RCT-70-1

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-INC-6 PHOENIX-CRIMPFOX-INC-6 Datasheet
95Kb / 3P
Crimping pliers for insulated cable lugs and connectors
CRIMPFOX-LC-UR-2 PHOENIX-CRIMPFOX-LC-UR-2 Datasheet
51Kb / 2P
Crimp insert for tube lugs, 0.75 - 2.5 mm짼
CRIMPFOX-LC-UR-10 PHOENIX-CRIMPFOX-LC-UR-10 Datasheet
51Kb / 2P
Crimp insert for tube lugs, 4.0 - 10.0 mm짼
CRIMPFOX-RC-10 PHOENIX-CRIMPFOX-RC-10 Datasheet
55Kb / 2P
The CRIMPFOX?멢C 10 completes the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CRIMPFOX-RC-25 PHOENIX-CRIMPFOX-RC-25 Datasheet
54Kb / 2P
CRIMPFOX?멢C 10 and ...RCT 25-1 complete the range of crimping pliers for uninsulated cable lugs and insulated tube lugs
CF-500COV-RC-10 PHOENIX-CF-500COV-RC-10 Datasheet
42Kb / 2P
Protective cover for crimping machine CF 500, for uninsulated cable lugs 0.5 - 10 mm짼 (RC 10) and tubing lugs 4 - 10 mm짼 (RCT 10-...)
CRIMPFOX-C120-RC-70 PHOENIX-CRIMPFOX-C120-RC-70 Datasheet
47Kb / 2P
Die (upper part), for CRIMPFOX-C120, for non-insulated cable lugs (DIN 46234) 6 70 mm짼, indent crimp
CRIMPFOX-RC-6 PHOENIX-CRIMPFOX-RC-6 Datasheet
48Kb / 2P
Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-RC-6-M PHOENIX-CRIMPFOX-RC-6-M Datasheet
48Kb / 2P
Crimping pliers, for uninsulated cable lugs, 0.5 - 6 mm짼, indent crimp
CRIMPFOX-RCI-6-M PHOENIX-CRIMPFOX-RCI-6-M Datasheet
44Kb / 2P
Crimping pliers for cable lugs and connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com