Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRIMPFOX-RCT-70-1 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # CRIMPFOX-RCT-70-1
Description  Crimping pliers, for uninsulated tube lugs, 10 - 70 mm짼, indent crimp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

CRIMPFOX-RCT-70-1 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  CRIMPFOX-RCT-70-1 Datasheet HTML 1Page - PHOENIX CONTACT CRIMPFOX-RCT-70-1 Datasheet HTML 2Page - PHOENIX CONTACT CRIMPFOX-RCT-70-1 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/us/products/1212732
03/10/2016   Page 2 / 3
Crimping pliers - CRIMPFOX-RCT 70-1 - 1212732
Technical data
General
AWG max
8
Designation
Crimping position 2
Max. cross section
16 mm²
AWG max
6
Designation
Crimping position 3
Max. cross section
25 mm²
AWG max
3
Die station
Crimping position 4
Max. cross section
35 mm²
AWG max
2
Die station
Crimping position 5
Max. cross section
50 mm²
AWG max
0
Die station
Crimping position 6
Max. cross section
70 mm²
AWG max
00
Classifications
eCl@ss
eCl@ss 4.0
21040301
eCl@ss 4.1
21040301
eCl@ss 5.0
21040301
eCl@ss 5.1
21040301
eCl@ss 6.0
21043811
eCl@ss 7.0
21043811
eCl@ss 8.0
21049090
ETIM
ETIM 3.0
EC001186
ETIM 4.0
EC000168
ETIM 5.0
EC000168
UNSPSC
UNSPSC 6.01
27112118
UNSPSC 7.0901
27111518
UNSPSC 11
23171604
UNSPSC 12.01
27111518



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com