Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7666FS Datasheet(PDF) 2 Page - Rohm

Part # BA7666FS
Description  3channel 75 OHM driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7666FS Datasheet(HTML) 2 Page - Rohm

  BA7666FS Datasheet HTML 1Page - Rohm BA7666FS Datasheet HTML 2Page - Rohm BA7666FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA7666FS
Multimedia ICs
2/2
!
!
!
!Electrical characteristics (Ta = 25
°C, VCC = 5V unless otherwise stated)
Item
Circuit current
Voltage gain
Synbol
ICC
VCC
Gv
Min.
Typ.
Max.
11.7
2.6
2.5
23.4
3.0
35.1
6.0
6.5
1.0
4.0
5.5
−
−
−
−
−
−
−
−
Unit
mA
Vp-p
Testing Conditions
No-signal
VOm
−1.0
−60
−60
0.0
dB
dB
dB
dB
0
2.0
1.0
Standard Value
f=1kHz,The=1%
f=4.43MHz,1Vp-p
f=4.43MHz,1Vp-p
f=4.43MHz,1Vp-p
f=10MHz/1MHz,Vp-p
Maximum ouput level
Frequency characteristics
Gf
CT
MT
VTHH
VTHL
IMT
Channel to Channel crosstalk
Muting level
Mute Threshold "H"
Mute Threshold "L"
Supply current in Mute
V
V
mA
!
!
!
!Application circuit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Vcc
1
µF
0.1
µF
47
µF
1
µF
1
µF
1000
µF
1000
µF
1000
µF
100
µF
25
µF
N.C.
N.C.
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
5V
Composite Video
Composite Video
Composite Video
MUTE
75
Ω
75
Ω
75
Ω
75
Ω
6dB
6dB
6dB
6dB
In case using say compensator.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com