Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7666FS Datasheet(PDF) 1 Page - Rohm

Part # BA7666FS
Description  3channel 75 OHM driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7666FS Datasheet(HTML) 1 Page - Rohm

  BA7666FS Datasheet HTML 1Page - Rohm BA7666FS Datasheet HTML 2Page - Rohm BA7666FS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA7666FS
Multimedia ICs
1/2
3channel 75
Ω driver
BA7666FS
The BA7666FS is 3channel 75
Ω driver with 6dB amplifier and sag compensator, and available for composite Video,
composite Y and so on. This driver can have two loads (75
Ω) and package is small (SSOPA16PIN).
This input is sync-tip-clamp for all 3channnel. This has 3channel mute and power save circuits (each channel) operated
for making output under 0.2v.
!Features
1) Sync-tip-clamp input
2) Low power consumption (Typ.117mW)
3) Built-in output mute circuit
4) Built-in power save circuit
5) Built-in output protection circuit
6) Can make output coupling capacitor smaller by the built-in sag correction circuit
7) Can drive two circuits by one output
8) Small package of SSOP-A16 pin
!Applications
Digital audio appliances such as DVD, and STB
!
!
!
!Absolute maximum ratings (Ta = 25°C)
Item
Unit
V
mW
°C
°C
VCC
Symbol
Pd
Topr
Tstg
Rating
8
650
−55 ∼ +125
−25 ∼ +75
Supply voltage
Allowable loss
Working temperature
Storage temperature range
∗ For operation above 25°C free-air temperature, dissipation deratings is decreasing 6.5mW per 1°C
!
!
!
!Recommendable operating range
Item
VCC
Symbol
Supply voltage range
∗ This product is not designed for protection against radioactive rays.
Min.
Std.
Max.
Unit
4.5
5.0
5.5
V


Similar Part No. - BA7666FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7666FS ROHM-BA7666FS Datasheet
180Kb / 6P
3 channel 75ohm driver
BA7666FS ROHM-BA7666FS_1 Datasheet
180Kb / 6P
3 channel 75ohm driver
More results

Similar Description - BA7666FS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com