Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8712 Datasheet(PDF) 3 Page - PLX Technology

Part # PEX8712
Description  12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8712 Datasheet(HTML) 3 Page - PLX Technology

  PEX8712 Datasheet HTML 1Page - PLX Technology PEX8712 Datasheet HTML 2Page - PLX Technology PEX8712 Datasheet HTML 3Page - PLX Technology PEX8712 Datasheet HTML 4Page - PLX Technology PEX8712 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PEX 8712, PCI Express Gen 3 Switch, 12 Lanes, 3 Ports
© PLX Technology, www.plxtech.com
Page 3 of 5
10/7/2010, Version 1.0
switches undergo thorough interoperability testing in
PLX’s Interoperability Lab and compliance testing
the PCI-SIG plug-fest.
performancePAK
™
at
o mancePAK is a suite of unique
feature allows users to throttle the
long
link
ead
Multicast
t feature enables the copying of data (packets)
al-
s,
o
Dynamic Buffer Pool
ic buffer pool for Flow
the
rs
visionPAK
lusive, visionPAK is a debug diagnostics
nce Monitoring
mance monitoring allows
all
SerDes Eye Capture
tem’s signal integrity at the
e
.
Exclusive to PLX, perf r
and innovative performance features which allows PLX’s
Gen 2 switches to be the highest performing Gen 2
switches in the market today. The performancePAK
features consists of the Read Pacing, Multicast, and
Dynamic Buffer Pool.
Read Pacing
The Read Pacing
amount of read requests being made by downstream
devices. When a downstream device requests several
reads back-to-back, the Root Complex gets tied up in
serving that downstream port. If that port has a narrow
and is therefore slow in receiving these read packets from
the Root Complex, then other downstream ports may
become starved – thus, impacting performance. The R
Pacing feature enhances performances by allowing for the
adequate servicing of all downstream devices.
The Multicas
from one ingress port to both egress ports in one
transaction allowing for higher performance in du
graphics, storage, security, and redundant application
among others. Multicast relieves the CPU from having t
conduct multiple redundant transactions, resulting in
higher system performance.
The PEX 8712 employs a dynam
Control (FC) management. As opposed to a static buffer
scheme which assigns fixed, static buffers to each port,
PLX’s dynamic buffer allocation scheme utilizes a
common pool of FC Credits which are shared by other
ports. This shared buffer pool is fully programmable by
user, so FC credits can be allocated among the ports as
needed. Not only does this prevent wasted buffers and
inappropriate buffer assignments, any unallocated buffe
remain in the common buffer pool and can then be used
for faster FC credit updates.
™
Another PLX exc
suite of integrated hardware and software instruments that
users can use to help bring their systems to market faster.
visionPAK features consist of Performance Monitoring,
SerDes Eye Capture, Error Injection, SerDes Loopback,
and more.
Performa
The PEX 8712’s real time perfor
users to literally “see” ingress and egress performance on
each port as traffic passes through the switch using PLX’s
Software Development Kit (SDK). The monitoring is
completely passive and therefore has no affect on over
system performance. Internal counters provide extensive
granularity down to traffic & packet type and even allows
for the filtering of traffic (i.e. count only Memory Writes).
Users can evaluate their sys
physical layer using the PEX 8712’s SerDes Eye Captur
feature. Using PLX’s SDK, users can view the receiver
eye of any lane on the switch. Users can then modify
SerDes settings and see the impact on the receiver eye
Figure 5 shows a screenshot of the SerDes Eye Capture
feature in the SDK.
Figure 5. SerDes Eye Capture
PCIe Packet Generator
ledged PCIe Packet
raffic
The PEX 8712 features a full-f
Generator capable of creating programmable PCIe t
running at up to Gen 3 speeds and capable of saturating a
x16 link. Using PLX’s Software Development Kit
(www.plxtech.com/sdk), designers can create custo
traffic scripts for system bring-up and debug. Fully
integrated into the PEX 8712, the Packet Generator p
to be a very convenient on-chip debug tool. Furthermore,
the Packet Generator can be used to create PCIe traffic to
test and debug other devices on the system.
m
roves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com