Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8712 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8712
Description  12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8712 Datasheet(HTML) 4 Page - PLX Technology

  PEX8712 Datasheet HTML 1Page - PLX Technology PEX8712 Datasheet HTML 2Page - PLX Technology PEX8712 Datasheet HTML 3Page - PLX Technology PEX8712 Datasheet HTML 4Page - PLX Technology PEX8712 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX 8712, PCI Express Gen 3 Switch, 12 Lanes, 3 Ports
© PLX Technology, www.plxtech.com
Page 4 of 5
10/7/2010, Version 1.0
Memory
CPU
CPU
CPU
CPU
x4
x4
x1s
SATA
Endpoint
PCIe Gen1, Gen2, or Gen3 slots
x4
PEX 8712
PCI
PCH
rror Injection & SerDes Loopback
users can
ts
red
Applications
centric as well as peer-to-peer traffic
metric or asymmetric lane
-out
t
etwork Interface Cards
lized in communications
es.
ntion or
E
Using the PEX 8712’s Error Injection feature,
inject malformed packets and/or fatal errors into their
system and evaluate a system’s ability to detect and
recover from such errors. The PEX 8712 also suppor
Internal Tx, External Tx, Recovered Clock, and Recove
Data Loopback modes.
Suitable for host-
patterns, the PEX 8712 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8712, with its sym
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 6 shows a
server design where the PEX 8712 is being used to fan
to endpoints and PCI Express slots. Since the PEX 8712 is
compliant with PCIe Gen
1 and Gen 2 devices, the
PEX 8712 can also
be used to bridge
Gen 1and Gen 2
endpoints to
Gen 3 chipsets
and processors
(and vice versa).
Figure 6. Host Centric Fan-Ou
N
The PEX 8712 can also be uti
applications such as Network Interface Cards (NICs).
NICs can utilize the PEX 8712 for its fan-out capabiliti
In Figure 7, the PEX 8712 is uses x4 links on a Dual-port
10-Gigabit Ethernet (GE) NIC card links to connect the
host to the 10GE ports. The peer-to-peer communication
feature of the PEX 8712 allows the endpoints to
communicate with each other without any interve
management by the host.
10 GE
10 GE
MAC/PHY
MAC/PHY
x4
x4
x4
Dual-Port NIC
PEX 8712
Figure 7. 10GE NIC Fan-Out
Embedded Sys
ited for embedded applications as
s
stem
tems
The PEX 8712 is well su
well. Embedded applications, like the example shown in
Figure 8, commonly use a number of independent module
for functions such as control plane processing, data
acquisition, or image processing to name a few
possibilities. Figure 8 represents an embedded sy
utilizing a PEX 8612 to fan-out to two ASICs/FPGAs.
x4
CPU
CPU
CPU
CPU
Memory
PEX 8712
ASIC/
FPGA
ASIC/
FPGA
x4
x4
Figure 8. Embedded Systems
ail-Over in Storage Systems with Multicast
seful
llow
data
F
The PEX 8712’s Multicast feature proves to be very u
in storage systems. In the example shown in Figure 9, the
Multicast feature enables the PEX 8712 to copy data
coming from the host to two downstream ports (see ye
traffic patterns) in one transaction as opposed to having to
execute two separate transactions to send data to the
backup chassis. By offloading the task of backing up
onto the secondary system, processor and system
performance is enhanced.
8 Disk Chassis
FC
Control
FC
Control
8 Disk Chassis
FC
Control
FC
Control
x4
x4
x4
x4
PEX 8712
PEX 8712
x4
CPU
CPU
CPU
CPU
Memory
Chipset
PEX 8712
x4
x4
Figure 9. Multicast in Storage Systems



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com