Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8724 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8724
Description  24-lane, 6-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8724 Datasheet(HTML) 2 Page - PLX Technology

  PEX8724 Datasheet HTML 1Page - PLX Technology PEX8724 Datasheet HTML 2Page - PLX Technology PEX8724 Datasheet HTML 3Page - PLX Technology PEX8724 Datasheet HTML 4Page - PLX Technology PEX8724 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© PLX Technology, www.plxtech.com
Page 2 of 5
10/7/2010, Version 1.0
PEX 8724, PCI Express Gen 3 Switch, 24 Lanes, 6 Ports
Figure 2. Multi-Host Port Configurations
PEX 8724
PEX 8724
PEX 8724
PEX 8724
x4
2 x4
x4
2 x4
PEX 8724
PEX 8724
PEX 8724
PEX 8724
x8
2 x4
x4
2 x2
PEX 8724
PEX 8724
PEX 8724
PEX 8724
x4
2 x2
x4
2 x2
PEX 8724
PEX 8724
PEX 8724
PEX 8724
x8
2 x4
x2
2 x1
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8724
PEX 8724
NT
CPU
CPU
Secondary Host
Secondary Host
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
PEX 8724
PEX 8724
PEX 8724
PEX 8724
Figure 4a. Multi-Host
Host 1
Host 1
Host 1
Host 1
Host 2
Host 2
Host 2
Host 2
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
Host 1
Host 1
Host 1
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Host 2
Host 2
Host 2
Host 2
The PEX 8724 can also be configured in Multi-Host mode
where users can choose up to four ports as host/upstream
ports and assign a desired number of downstream ports to
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
switch is completely isolated from the traffic in other
virtual switches. Figure 2 illustrates some configurations
of the PEX 8724 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.
The PEX 8724
also provides
several ways to
configure its
registers. The
device can be
configured through
strapping pins, I
2C
interface, host
software, or an
optional serial
EEPROM. This
allows for easy
debug during the
development
phase,
performance monitoring during the operation phase, and
driver or software upgrade.
Dual-Host & Failover Support
In Single-Host mode, the PEX 8724 supports a Non-
Transparent (NT) Port, which enables the
implementation of
dual-host systems for
redundancy and host
failover capability. The
NT port allows systems
to isolate host memory
domains by presenting
the processor subsystem
as an endpoint rather
than another memory
system. Base address
registers are used to
translate addresses;
doorbell registers are used to send interrupts between the
address domains; and scratchpad registers (accessible by
both CPUs) allow inter-processor communication (see
Figure 3).
Multi-Host & Failover Support
In Multi-Host mode, PEX 8724 can be configured with up
to four upstream host ports, each with its own dedicated
downstream ports. The device can be configured for 1+1
redundancy or N+1 redundancy. The PEX 8724 allows the
hosts to communicate their status to each other via special
door-bell registers. In failover mode, if a host fails, the
host designated for failover will disable the upstream port
attached to the failing host and program the downstream
ports of that host to its own domain. Figure 4a shows a two
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering down
the system. The PEX 8724 hot plug capability feature
makes it suitable for High Availability (HA)
applications. Three downstream ports include a Standard
Hot Plug Controller. If the PEX 8724 is used in an
application where one or more of its downstream ports
connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug event of its
associated slot. Every port on the PEX 8724 is equipped
with a hot-plug control/status register to support hot-plug
capability through external logic via the I
2C interface.
SerDes Power and Signal Management
The PEX 8724 provides low power capability that is fully
compliant with the PCIe power management specification
and supports software control of the SerDes outputs to
allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop-back
modes and advanced reporting of error conditions,
which enables efficient management of the entire system.
Interoperability
The PEX 8724 is designed to be fully compliant with the
PCI Express Base Specification r2.0, and is backwards
compatible to PCI Express Base Specification r1.1 and



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com