Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8724 Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8724
Description  24-lane, 6-port PCIe Gen 3 switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8724 Datasheet(HTML) 4 Page - PLX Technology

  PEX8724 Datasheet HTML 1Page - PLX Technology PEX8724 Datasheet HTML 2Page - PLX Technology PEX8724 Datasheet HTML 3Page - PLX Technology PEX8724 Datasheet HTML 4Page - PLX Technology PEX8724 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PEX 8724, PCI Express Gen 3 Switch, 24 Lanes, 6 Ports
Error Injection & SerDes Loopback
Using the PEX 8724’s Error Injection feature, users can
inject malformed packets and/or fatal errors into their
system and evaluate a system’s ability to detect and
recover from such errors. The PEX 8724 also supports
Internal Tx, External Tx, Recovered Clock, and Recovered
Data Loopback modes.
Applications
Suitable for host-centric as well as peer-to-peer traffic
patterns, the PEX 8724 can be configured for a wide
variety of form factors and applications.
Host Centric Fan-out
The PEX 8724, with its symmetric or asymmetric lane
configuration capability, allows user-specific tuning to a
variety of host-centric applications. Figure 6 shows a
server design where, in a quad or multi processor system,
users can assign endpoints/slots to CPU cores to distribute
the system load. The packets directed to different CPU
cores will go to different (user assigned) PEX 8724
upstream ports, allowing better queuing and load balancing
capability for higher performance. Conversely, the PEX
8724 can also be used in single-host mode to simply fan-
out to endpoints.
Memory
Memory
CPU
CPU
CPU
CPU
Memory
Memory
Memory
Memory
CPU
CPU
CPU
CPU
x4
x4s
x2s
x1s
SATA
SATA
Endpoint
Endpoint
Endpoint
Endpoint
PCIe Gen1, Gen2, or Gen3 slots
x8
PEX 8724
PEX 8724
PEX 8724
PEX 8724
PCI
PCH
PCH
PCH
PCH
Figure 6. Host Centric Dual Upstream
Host Failover
The PEX 8724 can also be utilized in applications where
host failover is required. In the below application (Figure
7), two hosts may be active simultaneously and controlling
their own domains while exchange status information
through doorbell registers or I
2C interface. The devices can
be programmed to trigger fail-over if the heartbeat
information is not provided. In the event of a failure, the
surviving device will reset the endpoints connected to the
failing CPU and enumerate them in its own domain
without impacting the operation of endpoints already in its
domain.
CPU
CPU
CPU
CPU
x4
PEX 8724
PEX 8724
PEX 8724
PEX 8724
CPU
CPU
CPU
CPU
x4
PEX 8724
PEX 8724
PEX 8724
PEX 8724
x4s
x4s
x4s
Figure 7. Host Fail-Over
Fail-Over in Storage Systems with Multicast
The PEX 8724’s Multicast feature can be used to
simultaneously send redundant packets to a backup system
(Figure 8). In the example below, using Multicast (yellow
lines), the CPU sends data to its endpoints as well as to a
backup system (via an NT port) in one transaction as
opposed to having to send multiple transactions to each
endpoint. By offloading the task of backing up data onto
the secondary system, processor and system performance
is enhanced.
x8
Memory
Memory
Memory
Memory
CPU
CPU
CPU
CPU
Memory
Memory
Memory
Memory
CPU
CPU
CPU
CPU
x8
PEX 8724
PEX 8724
PEX 8724
PEX 8724
NT
8 Disk Chassis
PEX 7616
PEX 7616
PEX 7616
PEX 7616
8 Disk Chassis
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
FC
Control
NT
PEX 8716
PEX 8716
NT
PEX 8716
PEX 8716
PEX 8716
PEX 8716
NT
x8
x4
x4
x4
x4
x4
x4
x4
x4
Backup
System
PEX
8724
PEX
8724
Figure 8. N+1 Failover
© PLX Technology, www.plxtech.com
Page 4 of 5
10/7/2010, Version 1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com