Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS19
Description  Small Signal Switching Diodes, High Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS19 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS19 Datasheet HTML 1Page - Vishay Siliconix BAS19 Datasheet HTML 2Page - Vishay Siliconix BAS19 Datasheet HTML 3Page - Vishay Siliconix BAS19 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAS19, BAS20, BAS21
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 13-Feb-18
1
Document Number: 85540
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, High Voltage
DESIGN SUPPORT TOOLS click logo to get started
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes / options:
18/10K per 13” reel (8 mm tape), 10K/box
08/3K per 7” reel (8 mm tape), 15K/box
FEATURES
• Silicon epitaxial planar diode
• Fast switching diode in case SOT-23, especially
suited for automatic insertion.
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial
grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) Measured under pulse conditions; pulse time = tp  0.3 ms
(2) Device on fiberglass substrate, see layout on next page
12
3
Available
Models
PARTS TABLE
PART
TYPE
DIFFERENTIATION
ORDERING CODE
TYPE
MARKING
CIRCUIT CONFIGURATION
REMARKS
BAS19
VR = 100 V
BAS19-E3-08 or BAS19-E3-18
BAS19-HE3-08 or BAS19-HE3-18
A8
Single
Tape and reel
BAS20
VR = 150 V
BAS20-E3-08 or BAS20-E3-18
BAS20-HE3-08 or BAS20-HE3-18
A81
Single
Tape and reel
BAS21
VR = 200 V
BAS21-E3-08 or BAS21-E3-18
BAS21-HE3-08 or BAS21-HE3-18
A82
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Continuous reverse voltage
BAS19
VR
100
V
BAS20
VR
150
V
BAS21
VR
200
V
Repetitive peak reverse voltage
BAS19
VRRM
120
V
BAS20
VRRM
200
V
BAS21
VRRM
250
V
Non repetitive peak forward
current
t = 1 μs
IFSM
2.5
A
Non repetitive peak forward
surge current
t = 1 s
IFSM
0.5
A
Maximum average forward
rectified current (1)
(av. over any 20 ms period)
IF(AV)
200
mA
DC forward current (2)
IF
200
mA
Repetitive peak forward current
IFRM
625
mA
Power dissipation (2)
Ptot
250
mW


Similar Part No. - BAS19

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com