Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5014 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # CF5014
Description  Crystal Oscillator Module ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5014 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  CF5014 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5014 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CF5014 series
NIPPON PRECISION CIRCUITS INC.—1
Crystal Oscillator Module ICs
OVERVIEW
The CF5014 series are fundamental frequency crystal oscillator ICs. They are available for frequencies up to
60MHz. The chip layout is optimized, resulting in a large reduction in chip size, when compared to existing
devices.
FEATURES
I
2.7 to 5.5V operating supply voltage range
I
Up to 60MHz oscillation frequency range
I
– 40 to 85
°C operating temperature range
I
Oscillation capacitors built-in
•CG = 18pF, CD = 18pF
I
Inverter amplifier feedback resistor built-in
I
Standby function
• High impedance in standby mode, oscillator stops
I
Low standby current
• Power-save pull-up resistor built-in
I
fO, fO/2, fO/4, fO/8, or fO/16 output frequency,
determined by internal connection
I
CMOS output duty level (1/2VDD)
I
Molybdenum-gate CMOS process
I
Chip form (CF5014AL
×)
SERIES CONFIGURATION
ORDERING INFORMATION
Version
Recommended operating frequency range1 [MHz]
1. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the
oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting condi-
tions, so the oscillation characteristics of components must be carefully evaluated.
Built-in capacitance
[pF]
Output
frequency
Standby
function
VDD = 2.7 to 3.6V
VDD = 4.5 to 5.5V
CL = 15pF
CL = 30pF
CL = 30pF
CG
CD
CF5014AL1
4 to 60
4 to 40
4 to 60
18
18
fO
Yes
CF5014AL2
fO/2
Yes
CF5014AL3
fO/4
Yes
CF5014AL4
fO/8
Yes
CF5014AL5
fO/16
Yes
Device
Package
CF5014AL
×–2
Chip form


Similar Part No. - CF5014

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
More results

Similar Description - CF5014

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com