Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7643AS Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7643AS
Description  4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7643AS Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7643AS Datasheet HTML 4Page - Exar Corporation MP7643AS Datasheet HTML 5Page - Exar Corporation MP7643AS Datasheet HTML 6Page - Exar Corporation MP7643AS Datasheet HTML 7Page - Exar Corporation MP7643AS Datasheet HTML 8Page - Exar Corporation MP7643AS Datasheet HTML 9Page - Exar Corporation MP7643AS Datasheet HTML 10Page - Exar Corporation MP7643AS Datasheet HTML 11Page - Exar Corporation MP7643AS Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP7643
10
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
A
0.097
0.104
2.464
2.642
A1
0.0050
0.0115
0.127
0.292
B
0.014
0.019
0.356
0.483
C
0.0091
0.0125
0.231
0.318
D
0.701
0.711
17.81
18.06
E
0.292
0.299
7.42
7.59
e
0.050 BSC
1.27 BSC
H
0.400
0.410
10.16
10.41
h
0.010
0.016
0.254
0.406
L
0.016
0.035
0.406
0.889
α
0
°
8
°
0
°
8
°
INCHES
MILLIMETERS
28 LEAD SMALL OUTLINE
(300 MIL JEDEC SOIC)
S28
e
D
E
H
B
A
L
C
A1
Seating
Plane
α
h x 45
°
28
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com