Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7643AS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7643AS
Description  4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7643AS Datasheet(HTML) 1 Page - Exar Corporation

  MP7643AS Datasheet HTML 1Page - Exar Corporation MP7643AS Datasheet HTML 2Page - Exar Corporation MP7643AS Datasheet HTML 3Page - Exar Corporation MP7643AS Datasheet HTML 4Page - Exar Corporation MP7643AS Datasheet HTML 5Page - Exar Corporation MP7643AS Datasheet HTML 6Page - Exar Corporation MP7643AS Datasheet HTML 7Page - Exar Corporation MP7643AS Datasheet HTML 8Page - Exar Corporation MP7643AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP7643
1
Rev. 1.00
4-Channel, Programmable Gain
Voltage Output, 15 MHz Input Bandwidth
8-Bit DACs with Multiplying
Parallel Digital Data Port
FEATURES
• Programmable Gain
• 4 Independent 2-Quadrant Multiplying 8-Bit DACs
with Output Amplifiers
• Dual Positive (+10 V and +5 V) Supplies or
Dual (+5 V) Supplies Capability
• High Speed:
–
12.5 MHz Digital Clock Rate
–VREF to VOUT Settling Time: 150ns to 8-bit
(typ)
–
Voltage Reference Input Bandwidth:
15 MHz
• Very Low Noise Gain Control
• Low Power: 80mW
• Low AC Voltage Reference Feedthrough
• Excellent Channel-to-Channel Isolation
• DNL = +0.5 LSB, INL = +1 LSB (typ)
• DACs Matched to +0.5% (typ)
• Low Harmonic Distortion: 0.25% typical with
VREF = 1 V p-p @ 1 MHz
• Latch-Up Free
• ESD Protection: 2000 V Minimum
APPLICATIONS
• Direct High-Frequency Automatic Gain Control
• Video AGC & CCD Level AGC
• Convergence Adjustment for High-Resolution
Monitors (Workstations)
• Multiplier Replacement
GENERAL DESCRIPTION
The MP7643 is ideal for digital gain control of high frequency
analog signals such as video, composite video and CCD. The
device includes 4-channels of high speed, wide bandwidth, two
quadrant multiplying, 8-bit accurate digital-to-analog converter.
It includes an output drive buffer per channel capable of driving a
+1mA (typ) load. DNL of better than +0.5 LSB is achieved with a
channel-to-channel matching of typically 0.5%. Stability, match-
ing, and precision of the DACs are achieved by using MPS’ thin
film technology. Excellent channel-to-channel isolation is also
achieved with MPS’ BiCMOS process which cannot be
achieved using a typical CMOS technology.
An open loop architecture (patent pending) provides wide
small signal bandwidth from VREF to output up to 15 MHz (typ),
fast output settling time of 150 ns, and excellent VREF
feedthrough isolation. The negative feedback terminal of the
output op amp is available for user gain control. In addition, low
distortion in the order of 0.25% with a 1 V p-p, 1 MHz signal is
achieved.
The combination of a constant input Z and the ability to vary
VREFN within VCC –1.8 V to VEE +1.5 V allows flexibility for opti-
mum system design.
The MP7643 is fabricated on a junction isolated, high speed
BiCMOS (BiCMOS IVTM) process with thin film resistors. This
process enables precision high speed analog/digital (mixed-
mode) circuits to be fabricated on the same chip.
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Gain Error
(% FSR)
SOIC
–40 to +85
°C
MP7643AS
+0.5
+1+1.5
Plastic Dip
–40 to +85
°C
MP7643AN
+0.5
+1+1.5
INL
(LSB)
DNL
(LSB)


Similar Part No. - MP7643AS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7641 EXAR-MP7641 Datasheet
253Kb / 24P
8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
MP7641AN EXAR-MP7641AN Datasheet
253Kb / 24P
8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
MP7641AS EXAR-MP7641AS Datasheet
253Kb / 24P
8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
More results

Similar Description - MP7643AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
logo
Exar Corporation
MP8840 EXAR-MP8840 Datasheet
813Kb / 16P
8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
logo
Analog Devices
AD5424 AD-AD5424 Datasheet
888Kb / 24P
8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV.0
logo
Exar Corporation
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7651 EXAR-MP7651 Datasheet
225Kb / 20P
8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
MP7641 EXAR-MP7641 Datasheet
253Kb / 24P
8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
logo
Analog Devices
AD5424 AD-AD5424_1 Datasheet
866Kb / 32P
8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. B
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com