Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet (PDF) - Exar Corporation

MP7641AS Datasheet PDF - Exar Corporation
Part # MP7641AS
Download  MP7641AS Download
File Size   253.41 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port

MP7641AS Datasheet (PDF)

Go To PDF Page Download Datasheet
MP7641AS Datasheet PDF - Exar Corporation

Part # MP7641AS
Download  MP7641AS Click to download

File Size   253.41 Kbytes
Page   24 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port

MP7641AS Datasheet (HTML) - Exar Corporation


MP7641AS Product details

GENERAL DESCRIPTION
The MP7641 is ideal for direct gain control of video, composite video, CCD and other high frequency analog signals. The device includes 8-channels of high speed, high bandwidth, two quadrant multiplying, 8-bit accurate digital-to-analog converter. It includes an output drive buffer per channel capable of driving a +1mA (typ) to a load. DNL of better than +0.8 LSB is achieved with a channel-to-channel matching of better than 0.5% (typ). Stability, matching, and precision of the DACs are achieved by using EXAR’s thin film technology. Also, excellent channel-tochannel isolation is achieved with EXAR’s BiCMOS process which cannot be achieved using a typical CMOS technology.

FEATURES
• 8 Independent 2-Quadrant Multiplying 8-Bit DACs
• Dual Positive (+10 V and +5 V) Supplies or Dual (+5 V) Supplies Capability
• High Speed:
    – 12.5 MHz Digital Clock Rate
    – VREF to VOUT Settling Time: 150ns to 8–bit (typ)
    – Voltage Reference Input Bandwidth: 10 MHz
• Low Power: 150mW
• Low AC Voltage Reference Feedthrough
• Excellent Channel-to-Channel Isolation
• DNL = +0.8 LSB, INL = +1 LSB (typ)
• DACs Matched to +0.5% (typ)
• Chip Select Available: MP7651
• Low Harmonic Distortion: 0.25% typical with VREF = 1 V p-p @ 1 MHz
• VREF/2 Output Preset Level
• Latch-Up Free
• ESD Protection: 2000 V Minimum

APPLICATIONS
• Direct High-Frequency Automatic Gain Control
• Video AGC & CCD Level AGC
• Convergence Adjustment for High-Resolution Monitors (Workstations)




Similar Part No. - MP7641AS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AN EXAR-MP7643AN Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AS EXAR-MP7643AS Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
More results


Similar Description - MP7641AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
logo
Exar Corporation
MP8840 EXAR-MP8840 Datasheet
813Kb / 16P
8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7651 EXAR-MP7651 Datasheet
225Kb / 20P
8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
logo
Analog Devices
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com