Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7641AS
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AS Datasheet(HTML) 1 Page - Exar Corporation

  MP7641AS Datasheet HTML 1Page - Exar Corporation MP7641AS Datasheet HTML 2Page - Exar Corporation MP7641AS Datasheet HTML 3Page - Exar Corporation MP7641AS Datasheet HTML 4Page - Exar Corporation MP7641AS Datasheet HTML 5Page - Exar Corporation MP7641AS Datasheet HTML 6Page - Exar Corporation MP7641AS Datasheet HTML 7Page - Exar Corporation MP7641AS Datasheet HTML 8Page - Exar Corporation MP7641AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP7641
1
Rev. 2.00
8-Channel Voltage Output
10 MHz Input Bandwidth 8-Bit
Multiplying DACs with
Serial Digital Port
FEATURES
• 8 Independent 2-Quadrant Multiplying 8-Bit DACs
• Dual Positive (+10 V and +5 V) Supplies or
Dual (+5 V) Supplies Capability
• High Speed:
–
12.5 MHz Digital Clock Rate
–VREF to VOUT Settling Time: 150ns to 8–bit
(typ)
–
Voltage Reference Input Bandwidth:
10 MHz
• Low Power: 150mW
• Low AC Voltage Reference Feedthrough
• Excellent Channel-to-Channel Isolation
• DNL = +0.8 LSB, INL = +1 LSB (typ)
• DACs Matched to +0.5% (typ)
• Chip Select Available: MP7651
• Low Harmonic Distortion: 0.25% typical with
VREF = 1 V p-p @ 1 MHz
• VREF/2 Output Preset Level
• Latch-Up Free
• ESD Protection: 2000 V Minimum
APPLICATIONS
• Direct High-Frequency Automatic Gain Control
• Video AGC & CCD Level AGC
• Convergence Adjustment for High-Resolution
Monitors (Workstations)
GENERAL DESCRIPTION
The MP7641 is ideal for direct gain control of video, compos-
ite video, CCD and other high frequency analog signals. The de-
vice includes 8-channels of high speed, high bandwidth, two
quadrant multiplying, 8-bit accurate digital-to-analog converter.
It includes an output drive buffer per channel capable of driving a
+1mA (typ) to a load. DNL of better than +0.8 LSB is achieved
with a channel-to-channel matching of better than 0.5% (typ).
Stability, matching, and precision of the DACs are achieved by
using EXAR’s thin film technology. Also, excellent channel-to-
channel isolation is achieved with EXAR’s BiCMOS process
which cannot be achieved using a typical CMOS technology.
An open loop architecture (patent pending) provides wide
small signal bandwidth from VREF to output up to 10 MHz (typ),
fast output settling time, and VREF feedthrough isolation of
–65dB or better. In addition, low distortion in the order of 0.25%
with a 1 V p-p, 1 MHz signal is achieved.
The combination of a constant input Z and the ability to vary
AGND within +300 mV allows flexibility for optimum system de-
sign.
The MP7641 has a serial data 3-wire standard
µ-processor
logic interface to reduce pin count, package size, and board wire
(space).
The MP7641 is fabricated on a junction isolated, high speed
BiCMOS (BiCMOS IVTM) process with thin film resistors. This
process enables precision high speed analog/digital (mixed-
mode) circuits to be fabricated on the same chip.


Similar Part No. - MP7641AS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AN EXAR-MP7643AN Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AS EXAR-MP7643AS Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
More results

Similar Description - MP7641AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
logo
Exar Corporation
MP8840 EXAR-MP8840 Datasheet
813Kb / 16P
8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7651 EXAR-MP7651 Datasheet
225Kb / 20P
8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
logo
Analog Devices
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com