Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP7641AS
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AS Datasheet(HTML) 3 Page - Exar Corporation

  MP7641AS Datasheet HTML 1Page - Exar Corporation MP7641AS Datasheet HTML 2Page - Exar Corporation MP7641AS Datasheet HTML 3Page - Exar Corporation MP7641AS Datasheet HTML 4Page - Exar Corporation MP7641AS Datasheet HTML 5Page - Exar Corporation MP7641AS Datasheet HTML 6Page - Exar Corporation MP7641AS Datasheet HTML 7Page - Exar Corporation MP7641AS Datasheet HTML 8Page - Exar Corporation MP7641AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MP7641
3
Rev. 2.00
PIN CONFIGURATIONS
13
16
14
15
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
18
12
17
28 Pin PDIP (0.300”)
NN28
AGND
DGND
AGND
CLK
SDI
AGND
VDD
VCC
VEE
SDO
28 Pin SOIC (EIAJ, 0.335”)
R28
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
VO1
VO2
VR2
VR3
VO3
VO4
VR4
VR5
VO5
VR1
VR0
VO0
VO7
VR7
VR6
VO6
AGND
CLK
SDI
AGND
SDO
VR1
VR0
VO0
VO7
VR7
VR6
VO6
AGND
DGND
VDD
VCC
VEE
VO1
VO2
VR2
VR3
VO3
VO4
VR4
VR5
VO5
RST
LD
RST
LD
See Packaging Section for Package Dimensions
PIN OUT DEFINITIONS
1VO1
DAC 1 Output
2VO2
DAC 2 Output
3VR2
DAC 2 Reference Input
4VR3
DAC 3 Reference Input
5VO3
DAC 3 Output
6VDD
Digital Positive Supply
7VCC
Analog Positive Supply
8VEE
Analog Negative Supply
9
AGND
Analog Ground
10
DGND
Digital Ground
11
VO4
DAC 4 Output
12
VR4
DAC 4 Reference Input
13
VR5
DAC 5 Reference Input
14
VO5
DAC 5 Output
15
VO6
DAC 6 Output
PIN NO.
NAME
DESCRIPTION
16
VR6
DAC 6 Reference Input
17
VR7
DAC 7 Reference Input
18
VO7
DAC 7 Output
19
AGND
Analog Ground
20
SDI
Serial Data/Address Input
21
SDO
Serial Data Output
22
CLK
Shift Register Clock
23
LD
Load Signal; Load Data
to Selected DACs
24
RST
Reset Signal; Reset all DACs to
VREF/2
25
AGND
Analog Ground
26
VO0
DAC 0 Output
27
VR0
DAC 0 Reference Input
28
VR1
DAC 1 Reference Input
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com