Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet(PDF) 10 Page - Exar Corporation

Part # MP7641AS
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AS Datasheet(HTML) 10 Page - Exar Corporation

Back Button MP7641AS Datasheet HTML 6Page - Exar Corporation MP7641AS Datasheet HTML 7Page - Exar Corporation MP7641AS Datasheet HTML 8Page - Exar Corporation MP7641AS Datasheet HTML 9Page - Exar Corporation MP7641AS Datasheet HTML 10Page - Exar Corporation MP7641AS Datasheet HTML 11Page - Exar Corporation MP7641AS Datasheet HTML 12Page - Exar Corporation MP7641AS Datasheet HTML 13Page - Exar Corporation MP7641AS Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MP7641
10
Rev. 2.00
OPERATION WITH DUAL POSITIVE POWER SUPPLIES
For the dual positive supplies operation, VCC = +10 V, VDD = 5 V, VEE = 0 V and analog output zero level is to be referenced to (VCC +
VEE) /2 by setting the AGND pin to 5 V.
MICROPROCESSOR INTERFACE
Figure 4. MC68000 Interface (Simplified Diagram)
MC68000
A0 to A23
AS
VMA
UPA
UDS
DB0 to DB15
ADDRESS
DECODER
CS
1/4 7HC125
CLK
LD
SDI
RST
DB0
FROM SYSTEM RESET
DATA BUS
16
16
ADDRESS BUS
ADDRESS BUS
DATA BUS
MC6800
A0 to A15
02
R/W
DB0 to DB7
16
Figure 5. MC6800 Interface (Simplified Diagram)
3
1
A0 to A2
E1
E3
E2
ADDRESS
DECODER
74LS138
DB7
SDI
CLK
LD
RST
FROM SYSTEM RESET
88
NOTES:
1.
Execute consecutive memory write instructions while manipulating the data between WRITEs so that
each WRITE presents the next bit
2.
The serial data loading is triggered by the CLK pulse which is asserted by a decoded memory WRITE
location 2000, R/W, and 02. A WRITE to address 4000 transfers data from the input shift register to the
DAC register.
MP7641
MP7641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com