Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet(PDF) 13 Page - Exar Corporation

Part # MP7641AS
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AS Datasheet(HTML) 13 Page - Exar Corporation

Back Button MP7641AS Datasheet HTML 9Page - Exar Corporation MP7641AS Datasheet HTML 10Page - Exar Corporation MP7641AS Datasheet HTML 11Page - Exar Corporation MP7641AS Datasheet HTML 12Page - Exar Corporation MP7641AS Datasheet HTML 13Page - Exar Corporation MP7641AS Datasheet HTML 14Page - Exar Corporation MP7641AS Datasheet HTML 15Page - Exar Corporation MP7641AS Datasheet HTML 16Page - Exar Corporation MP7641AS Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
MP7641
13
Rev. 2.00
µPC
(SDI) DATA IN
CLK
ADDRESS
WR
SDO
n
1
2
2 n
SDI LD
SDO
IC (1)
VRI1 VOI1
SDI LD
SDO2
IC (2)
SDI LD
SDOm
IC (m)
VRI2 VOI2
VRIm VOIm
Figure 9. Simplified Diagram
Configuration C
MP7641
MP7641
MP7641
MP7641 EVALUATION BOARD
5 pF
Figure 10. Single Channel Crosstalk
Measurement
Buffer
1k
5k
20 pF
VR0
27
VR1
28
VR2
3
VR3
4
VR4
12
VR5
13
VR6
16
VR7
17
VO0
26
VO1
1
VO2
2
VO3
5
VO4
11
VO5
14
VO6
15
VO7
18
DGND
10
AGND
9
MP7641
VOUT
All resistors = 50
Ω unless otherwise specified
Gain of all DACs set to 1 (no attenuation)
NOTE: See Graphs 1 through 8
1.6 V p-p
Test Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com