Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7641AS Datasheet(PDF) 12 Page - Exar Corporation

Part # MP7641AS
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641AS Datasheet(HTML) 12 Page - Exar Corporation

Back Button MP7641AS Datasheet HTML 8Page - Exar Corporation MP7641AS Datasheet HTML 9Page - Exar Corporation MP7641AS Datasheet HTML 10Page - Exar Corporation MP7641AS Datasheet HTML 11Page - Exar Corporation MP7641AS Datasheet HTML 12Page - Exar Corporation MP7641AS Datasheet HTML 13Page - Exar Corporation MP7641AS Datasheet HTML 14Page - Exar Corporation MP7641AS Datasheet HTML 15Page - Exar Corporation MP7641AS Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MP7641
12
Rev. 2.00
µPC
DATA
LD
CLK
SDI LD
SDO
SDI LD
SDO
SDI LD
SDO
IC (1)
IC (2)
IC (n)
VRI1
VOI1
88
VRI2
VOI2
VRIN
VOIN
88
88
Figure 7. Simplified Diagram
Configuration A
µPC
DATA
CS OR LD
CLK
DATA OUT
n
SDI LD
SDO
#1
IC (1)
IC (2)
IC (n)
SDI LD
SDO
SDI LD
SDO
88
8
8
88
VRI1
VOI1
VRI2
VOI2
VRIN
VOIN
#2
#n
Figure 8. Simplified Diagram
Configuration B
MP7641
MP7641
MP7641
MP7641
MP7641
MP7641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com