Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4033B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4033B
Description  DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND RIPPLE BLANKING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4033B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4033B Datasheet HTML 1Page - STMicroelectronics HCF4033B Datasheet HTML 2Page - STMicroelectronics HCF4033B Datasheet HTML 3Page - STMicroelectronics HCF4033B Datasheet HTML 4Page - STMicroelectronics HCF4033B Datasheet HTML 5Page - STMicroelectronics HCF4033B Datasheet HTML 6Page - STMicroelectronics HCF4033B Datasheet HTML 7Page - STMicroelectronics HCF4033B Datasheet HTML 8Page - STMicroelectronics HCF4033B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
September 2001
s
COUNTER AND 7-SEGMENT DECODING IN
ONE PACKAGE
s
EASILY INTERFACED WITH 7-SEGMENT
DISPLAY TYPES
s
FULLY STATIC COUNTER OPERATION : DC
TO 6MHz (Typ.) AT VDD = 10V
s
IDEAL FOR LOW POWER DISPLAYS
s
RIPPLE BLANKING AND LAMP TEST
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4033B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4033B consists of a 5-stages Johnson
decade counter and an output decoder which
converts the Johnson code to a 7 segment
decoded output for driving one stage in a
numerical display. This device is particularly
advantageous in display applications where low
power dissipation and/or low package count are
important. This device has CLOCK, RESET,
CLOCK INHIBIT, RIPPLE BLANKING, LAMP
TEST input, CARRY OUT, RIPPLE BLANKING
and 7 DECODED outputs (a to g).
A high RESET signal clears the decade counter to
its zero count. The counter is advanced one count
at the positive clock signal transition if the CLOCK
INHIBIT signal is low. Counter advancement via
the clock line is inhibited when the CLOCK
INHIBIT signal is high. Antilock gating is provided
on the JOHNSON counter, thus assuring proper
counting sequence. The CARRY-OUT (COUT)
signal completes one cycle every ten CLOCK
INPUT cycles and is used to clock the succeeding
decade directly in a multi-decade counting chain.
HCF4033B
DECADE COUNTER/DIVIDER WITH DECODED
7-SEGMENT DISPLAY OUTPUT AND RIPPLE BLANKING
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4033BEY
SOP
HCF4033BM1
HCF4033M013TR
DIP
SOP


Similar Part No. - HCF4033B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4033B STMICROELECTRONICS-HCF4033B Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
HCF4033BC1 STMICROELECTRONICS-HCF4033BC1 Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
HCF4033BEY STMICROELECTRONICS-HCF4033BEY Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
HCF4033BF STMICROELECTRONICS-HCF4033BF Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
HCF4033BM1 STMICROELECTRONICS-HCF4033BM1 Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
More results

Similar Description - HCF4033B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
STMicroelectronics
HCC4026B STMICROELECTRONICS-HCC4026B Datasheet
319Kb / 15P
7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
Jun-1989
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
logo
STMicroelectronics
HCF4026B STMICROELECTRONICS-HCF4026B Datasheet
1Mb / 11P
DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND DISPLAY ENABLE
Sep-2001
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Texas Instruments
CD54HC4017F TI-CD54HC4017F Datasheet
215Kb / 12P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com