Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4033B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4033B
Description  DECADE COUNTER/DIVIDER WITH DECODED 7-SEGMENT DISPLAY OUTPUT AND RIPPLE BLANKING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4033B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4033B Datasheet HTML 1Page - STMicroelectronics HCF4033B Datasheet HTML 2Page - STMicroelectronics HCF4033B Datasheet HTML 3Page - STMicroelectronics HCF4033B Datasheet HTML 4Page - STMicroelectronics HCF4033B Datasheet HTML 5Page - STMicroelectronics HCF4033B Datasheet HTML 6Page - STMicroelectronics HCF4033B Datasheet HTML 7Page - STMicroelectronics HCF4033B Datasheet HTML 8Page - STMicroelectronics HCF4033B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HCF4033B
2/11
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND FUNCTION
1
CLOCK
Clock Input
10, 12, 13, 9,
11, 6, 7
a to g
7 - Segments Decoded
Outputs
2
CLOCK
INHIBIT
Clock Inhibit Input
15
RESET
Reset Input
3
RIPPLE
BLANKING
IN
Ripple Blanking Input
5
CARRY OUT Carry Out Output
4
RIPPLE
BLANKING
OUT
Ripple Blanking Output
14
LAMP TEST Lamp Test Input
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage
The seven decoded outputs (a, b, c, d, e, f, g)
illuminate the proper segments in a seven
segment display device used for representing the
decimal numbers 0 to 9. The 7-segment outputs
go high on selection. This device has provisions
for automating blanking of the non-significant
zeros in a multi digit decimal number which results
in a easily readable display consistent with normal
writing
practice.
For
example,
the
number
0050.07000 in an eight digit display would be
displayed as 50.07. Zero suppression on the
integer side is obtained by connecting the RBI
terminal of the HCF4033B associated with the
most significant digit in the display to a low level
voltage and connecting the RBO terminal of that
stage to the RBI terminal of the HCF4033B in the
next lower significant position in the display. This
procedure is continued for each succeeding
HCF4033B on the integer side of the display. On
the fraction side of the display the RBI of the
HCF4033B associated with the least significant bit
is connected to a low level voltage and the RBO of
that HCF4033B is connected to the RBI terminal
of the HCF4033B in the next more significant bit
position. Again, this procedure is continued for all
HCF4033B’s on the fraction side of the display. In
a purely fractional number the zero immediately
preceding the decimal point can be displayed by
connecting the RBI of that stage to a high level
voltage (instead of to the RBO of the next more
significant stage). For example : optional zero
0.7346. Likewise, the zero in a number such as
763.0 can be displayed by connecting the RBI of
the HCF4033B associated with it to a high level
voltage. Ripple blanking of non-significant zeros
provides an appreciable savings in display power.
The HCF4033B has a LAMP TEST input which,
when connected to a high level voltage, overrides
normal decoder operation and enables a check to
be made on possible display malfunctions by
putting the seven outputs in the high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com