Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4041UBM1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4041UBM1
Description  QUAD TRUE/COMPLEMENT BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4041UBM1 Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4041UBM1 Datasheet HTML 1Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 2Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 3Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 4Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 5Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 6Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 7Page - STMicroelectronics HCF4041UBM1 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
BALANCED SINK AND SOURCE CURRENT:
APPROXIMATELY 4 TIMES STANDARD "B"
DRIVE
s
EQUALIZED DELAY TO TRUE AND
COMPLEMENT OUTPUTS
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
STANDARDIZED SYMMETRICAL OUTPUT
CHARACTERISTICS
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD = 18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
s
MEETS ALL REQUIREMENTS OF JEDEC
JESD13B " STANDARD SPECIFICATIONS
FOR DESCRIPTION OF B SERIES CMOS
DEVICES"
DESCRIPTION
The HCF4041UB is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The
HCF4041UB
is
a
QUAD
TRUE/
COMPLEMENT buffer consisting of n and p
channel units having low channel resistance and
high current (sourcing and sinking) capability. This
device is intended for use as a buffer, line driver,
or CMOS to TTL driver. It can be used as an
ultra-low power resistor network driver for A/D and
D/A conversion, as a transmission line driver, and
in other applications where high noise immunity
and low power dissipation are primary design
requirements.
HCF4041UB
QUAD TRUE/COMPLEMENT BUFFER
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4041UBEY
SOP
HCF4041UBM1
HCF4041UM013TR
DIP
SOP


Similar Part No. - HCF4041UBM1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4041UB STMICROELECTRONICS-HCF4041UB Datasheet
295Kb / 12P
QUAD TRUE/COMPLEMENT BUFFER
Jun-1989
More results

Similar Description - HCF4041UBM1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4041B PHILIPS-HEF4041B Datasheet
31Kb / 4P
Quadruple true/complement buffer
January 1995
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
QUAD TRUE/COMPLEMENT BUFFER
Jun-1989
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
CMOS QUAD TRUE/COMPLEMENT BUFFER
logo
Intersil Corporation
CD4041UBMS INTERSIL-CD4041UBMS Datasheet
105Kb / 7P
CMOS Quad True/Complement Buffer
December 1992
logo
National Semiconductor ...
CD4041UB NSC-CD4041UB Datasheet
118Kb / 6P
Quad True/Complement Buffer
logo
Intersil Corporation
CD4041BMS INTERSIL-CD4041BMS Datasheet
107Kb / 7P
CMOS Quad True/Complement Buffer
December 1992
logo
Micro Electronics
MMC4041 MICRO-ELECTRONICS-MMC4041 Datasheet
91Kb / 3P
QUAD TRUE / COMPLEMENT BUFFER
logo
Texas Instruments
CD4041UB TI-CD4041UB_12 Datasheet
864Kb / 14P
CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UBF3A TI-CD4041UBF3A Datasheet
855Kb / 14P
CMOS Quad True Complement Buffer
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
CMOS Quad True/Complement Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com