Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840021 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS840021
Description  FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840021 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS840021 Datasheet HTML 3Page - Integrated Circuit Systems ICS840021 Datasheet HTML 4Page - Integrated Circuit Systems ICS840021 Datasheet HTML 5Page - Integrated Circuit Systems ICS840021 Datasheet HTML 6Page - Integrated Circuit Systems ICS840021 Datasheet HTML 7Page - Integrated Circuit Systems ICS840021 Datasheet HTML 8Page - Integrated Circuit Systems ICS840021 Datasheet HTML 9Page - Integrated Circuit Systems ICS840021 Datasheet HTML 10Page - Integrated Circuit Systems ICS840021 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
840021AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
7
Integrated
Circuit
Systems, Inc.
ICS840021
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
APPLICATION SCHEMATIC
Figure 3A shows a schematic example of the ICS840021. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18pF
parallel resonant 25MHz crystal is used for generating 125MHz
output frequency. The C1 = 27pF and C2 = 33pF are recom-
mended for frequency accuracy. For different board layout, the
C1 and C2 values may be slightly adjusted for optimizing fre-
quency accuracy.
FIGURE 3A. ICS840021 SCHEMATIC EXAMPLE
FIGURE 3B. ICS840021 PC BOARD LAYOUT EXAMPLE
PC BOARD LAYOUT EXAMPLE
Figure 3B shows an example of ICS840021 P.C. board layout.
The crystal X1 footprint shown in this example allows installa-
tion of either surface mount HC49S or through-hole HC49 pack-
age.The footprints of other components in this example are listed
in the
Table 7. There should be at least one decoupling capacitor
per power pin. The decoupling capacitors should be located as
close as possible to the power pins. The layout assumes that
the board has clean analog power ground plane.
TABLE 7. FOOTPRINT TABLE
e
c
n
e
r
e
f
e
Re
z
i
S
2
C
,
1
C2
0
4
0
3
C5
0
8
0
5
C
,
4
C3
0
6
0
3
R
,
2
R3
0
6
0
t
n
e
n
o
p
m
o
c
s
t
s
il
,
6
e
l
b
a
T
:
E
T
O
N
.
e
l
p
m
a
x
e
t
u
o
y
a
l
s
i
h
t
n
i
n
w
o
h
s
s
e
z
i
s
LVCMOS
VDD
C2
33pF
Q
C4
0.1u
U1
ICS840021
1
2
3
4
8
7
6
5
VDDA
OE
XTAL_OUT
XTAL_IN
VDD
Q0
GND
NC
VDD
C3
10uF
R2
10
X1
R3
43
C5
0.1u
OE
C1
27pF
Zo = 50 Ohm
VDDA
VDD=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com