Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840021 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS840021
Description  FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/ LVTTL CLOCK GENERATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840021 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS840021 Datasheet HTML 1Page - Integrated Circuit Systems ICS840021 Datasheet HTML 2Page - Integrated Circuit Systems ICS840021 Datasheet HTML 3Page - Integrated Circuit Systems ICS840021 Datasheet HTML 4Page - Integrated Circuit Systems ICS840021 Datasheet HTML 5Page - Integrated Circuit Systems ICS840021 Datasheet HTML 6Page - Integrated Circuit Systems ICS840021 Datasheet HTML 7Page - Integrated Circuit Systems ICS840021 Datasheet HTML 8Page - Integrated Circuit Systems ICS840021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
840021AG
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
1
Integrated
Circuit
Systems, Inc.
ICS840021
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS840021 is a Gigabit Ethernet Clock
Generator and a member of the HiPerClocksTM
family of high performance devices from ICS. The
ICS840021 uses a 25MHz crystal to synthesize
125MHz.The ICS840021 has excellent phase jitter
performance, over the 1.875MHz – 20MHz integration range.
The ICS840021 is packaged in a small 8-pin TSSOP, making it
ideal for use in systems with limited board space.
FEATURES
• 1 LVCMOS/LVTTL output, 7Ω output impedence
• Crystal oscillator interface designed for 25MHz,
18pF parallel resonant crystal
• Output frequency: 125MHz
• VCO range: 560MHz to 680MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.34ps (typical)
• RMS phase noise at 125MHz (typical)
Phase noise:
Offset
Noise Power
100Hz ............... -96.9 dBc/Hz
1KHz .............. -122.2 dBc/Hz
10KHz .............. -131.1 dBc/Hz
100KHz .............. -129.5 dBc/Hz
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
ICS
ICS840021
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm package body
G Package
Top View
VDDA
OE
XTAL_OUT
XTAL_IN
1
2
3
4
VDD
Q0
GND
nc
8
7
6
5
BLOCK DIAGRAM
PIN ASSIGNMENT
OSC
Phase
Detector
VCO
÷5
÷25
(fixed)
XTAL_IN
XTAL_OUT
OE
Q0
25MHz


Similar Part No. - ICS840021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840021AGI ICST-ICS840021AGI Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840021AGILF ICST-ICS840021AGILF Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840021AGILFT ICST-ICS840021AGILFT Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840021AGIT ICST-ICS840021AGIT Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
ICS840021I ICST-ICS840021I Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A MAY 19, 2005
More results

Similar Description - ICS840021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS840011 ICST-ICS840011 Datasheet
190Kb / 11P
FEMTOCLOCKS CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
REV. A OCTOBER 15, 2004
ICS840001 ICST-ICS840001 Datasheet
194Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A MAY 10, 2004
ICS840001-34 ICST-ICS840001-34 Datasheet
167Kb / 9P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS840008-01 ICST-ICS840008-01 Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
REV. A APRIL 7, 2005
ICS840022 ICST-ICS840022 Datasheet
208Kb / 10P
FEMTOCLOCKS?줓RYSTAL-TO LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 11, 2005
logo
Integrated Device Techn...
840001I-34 IDT-840001I-34 Datasheet
197Kb / 15P
Femtoclocks Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
logo
Renesas Technology Corp
840011 RENESAS-840011 Datasheet
403Kb / 14P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Clock Generator
5/20/16
840051 RENESAS-840051 Datasheet
338Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
9/1/15
ICS840051I RENESAS-ICS840051I Datasheet
368Kb / 13P
FEMTOCLOCKS™ CRYSTAL-TOLVCMOS/LVTTL CLOCK GENERATOR
5/20/16
ICS840022I-02 RENESAS-ICS840022I-02 Datasheet
567Kb / 15P
FemtoClock® Crystal-to-LVCMOS/LVTTL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com