Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix AY2 Datasheet HTML 10Page - Vishay Siliconix AY2 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 29-Mar-18
7
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7High
temperature
operation life
External appearance
No visible damage.
The marking shall be legible.
Test voltage: 1.5 kVAC, 60 s
Impulse voltage: each individual
capacitor shall be subjected to a 5 kV
impulse for three times. Before the
capacitors are applied to life test.
The specimen capacitors shall be
submitted to an endurance test of
1000 h + 48 h / - 0 h in a chamber at
125 °C ± 3 °C with a voltage of 550 VAC.
Pre-treatment: capacitor shall be backed
at 125 °C ± 3 °C for 1 h before initial
measurements.
Post-treatment: capacitors shall be
placed at room condition for 24 h ± 2 h
before measurements.
Capacitance change
± 15 % max.
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
8
Life Test
External appearance
No visible damage.
The marking shall be legible.
Test voltage: 1.5 kVAC, 60 s
Impulse voltage: each individual
capacitor shall be subjected to a 5 kV
impulse for three times. Before the
capacitors are applied to life test.
The specimen capacitors shall be
submitted to an endurance test of
1000 h + 48 h / - 0 h in a chamber at
125 °C ± 3 °C with a voltage of 550 VAC,
except that once every hour the voltage
shall be increase to 1000 VAC for 0.1 s.
Pre-treatment: capacitor shall be backed
at 125 °C ± 3 °C for 1 h before initial
measurements.
Post-treatment: capacitors shall be
placed at room condition for 24 h ± 2 h
before measurements.
Capacitance change
± 15 % max.
Dissipation factor
U2J: 0.5 % max. at 1 V, 1 MHz
Y5U, Y5S: 5 % max. at 1 V, 1 kHz
Insulation resistance
3 G
 min. at 500 V
DC, 60 s
Dielectric strength
(between lead wires)
No failure at 1.5 kVAC, 60 s
PERFORMANCE
NO.
ITEMS
SPECIFICATION
TEST METHOD
100 %
90 %
50 %
30 %
0 %
t
T
1
T
2
T
1 = 1.2 μs
T
2 = 50 μs
100 %
90 %
50 %
30 %
0 %
t
T
1
T
2
T
1 = 1.2 μs
T
2 = 50 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com