Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AY2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AY2
Description  Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AY2 Datasheet(HTML) 2 Page - Vishay Siliconix

  AY2 Datasheet HTML 1Page - Vishay Siliconix AY2 Datasheet HTML 2Page - Vishay Siliconix AY2 Datasheet HTML 3Page - Vishay Siliconix AY2 Datasheet HTML 4Page - Vishay Siliconix AY2 Datasheet HTML 5Page - Vishay Siliconix AY2 Datasheet HTML 6Page - Vishay Siliconix AY2 Datasheet HTML 7Page - Vishay Siliconix AY2 Datasheet HTML 8Page - Vishay Siliconix AY2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AY2 Series
www.vishay.com
Vishay BCcomponents
Revision: 29-Mar-18
2
Document Number: 28550
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) ± 10 % available on request
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE
C (pF)
CAPACITANCE
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Tmax. (mm)
LEAD SPACING
F (mm) ± 1 mm
PART NUMBER
MISSING DIGITS SEE
ORDERING CODE BELOW
U2J (N750)
10
± 10
7.5
5.0
5.0, 7.5, or 10.0
AY2100K29U2JS6###
15
AY2150K29U2JS6###
22
AY2220K29U2JS6###
33
AY2330K29U2JS6###
47
AY2470K29U2JS6###
Y5S (2C3)
68
± 10
7.5
5.0
5.0, 7.5, or 10.0
AY2680K29Y5SS6###
100
AY2101K29Y5SS6###
150
AY2151K29Y5SS6###
220
AY2221K29Y5SS6###
330
AY2331K29Y5SS6###
470
AY2471K29Y5SS6###
Y5U (2E3)
680
± 20
7.5
5.0
5.0, 7.5, or 10.0
AY2681#29Y5US6###
1000
AY2102#29Y5US6###
1500
8.5
AY2152#31Y5US6###
2200
9.5
AY2222#35Y5US6###
3300
11.0
AY2332#41Y5US6###
3900
11.5
AY2392#43Y5US6###
4700
13.0
AY2472#49Y5US6###
ORDERING CODE
#7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M
###
15th to 17th digit
Lead configuration
Available configurations see below
Example
AY2
221
K
29
Y5S
S
6
UV
7
Series
Capacitance
value
Tolerance
code
Size code
Temperature
coefficient
Rated
voltage
Lead wire
diameter
Packaging /
lead length
Lead
style
Lead
spacing
3 = bulk
T = tape
and reel
U =
ammopack
L =
straight
V = inline
kinked
5 = 5.0
7 = 7.5
0 = 10.0
Capacitors with 5.0 mm, 7.5 mm, or 10.0 mm lead spacing
e = 3.0 max.
L = 30.0 ± 5.0
T
max.
D
max.
F
Ø 0.6 ± 0.05
e = 3.0 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com