Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR402DP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIDR402DP
Description  N-Channel 40 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIDR402DP Datasheet(HTML) 7 Page - Vishay Siliconix

  SIDR402DP Datasheet HTML 1Page - Vishay Siliconix SIDR402DP Datasheet HTML 2Page - Vishay Siliconix SIDR402DP Datasheet HTML 3Page - Vishay Siliconix SIDR402DP Datasheet HTML 4Page - Vishay Siliconix SIDR402DP Datasheet HTML 5Page - Vishay Siliconix SIDR402DP Datasheet HTML 6Page - Vishay Siliconix SIDR402DP Datasheet HTML 7Page - Vishay Siliconix SIDR402DP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 11-Jul-16
1
Document Number: 75846
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® SO-8 Double Cooling Case Outline
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.51
0.56
0.61
0.012
0.014
0.016
A1
0.00
0.02
0.05
0.000
0.0008
0.002
b
0.36
0.41
0.46
0.014
0.016
0.018
c
0.15
0.20
0.25
0.006
0.008
0.010
D
4.90
5.00
5.10
0.193
0.197
0.201
D1
3.71
3.76
3.81
0.146
0.148
0.150
e
1.27 BSC
0.050 BSC
E
5.90
6.00
6.10
0.232
0.236
0.240
E1
3.60
3.65
3.70
0.142
0.144
0.146
H
0.49
0.54
0.59
0.019
0.021
0.023
K
1.22
1.27
1.32
0.048
0.050
0.052
K1
0.64 typ.
0.025 typ.
L
0.49
0.54
0.59
0.019
0.021
0.023
M1
3.85
3.90
3.95
0.152
0.154
0.156
M2
2.74
2.79
2.84
0.108
0.110
0.112
M3
1.06
1.11
1.16
0.042
0.044
0.046
M4
0.56 typ.
0.022 typ.
N8
8
T1
4.51
4.56
4.61
0.178
0.180
0.182
T2
2.58
2.63
2.68
0.102
0.104
0.106
T3
1.88
1.93
1.98
0.074
0.076
0.078
T4
0.97 typ.
0.038 typ.
T5
0.48 typ.
0.019 typ.
ECN: T16-0445-Rev. A, 11-Jul-16
DWG: 6048
7
85
6
2
14
3
6
58
7
3
41
2
D
M1
M4
M4
D1
K1
K1
M2
M3
e
e
b
Back side view



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com