Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIDR402DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIDR402DP
Description  N-Channel 40 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIDR402DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SIDR402DP Datasheet HTML 1Page - Vishay Siliconix SIDR402DP Datasheet HTML 2Page - Vishay Siliconix SIDR402DP Datasheet HTML 3Page - Vishay Siliconix SIDR402DP Datasheet HTML 4Page - Vishay Siliconix SIDR402DP Datasheet HTML 5Page - Vishay Siliconix SIDR402DP Datasheet HTML 6Page - Vishay Siliconix SIDR402DP Datasheet HTML 7Page - Vishay Siliconix SIDR402DP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiDR402DP
www.vishay.com
Vishay Siliconix
S17-1076-Rev. A, 10-Jul-17
1
Document Number: 75606
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 40 V (D-S) MOSFET
FEATURES
• TrenchFET® Gen IV power MOSFET
• Very low RDS - Qg figure-of-merit (FOM)
• Tuned for the lowest RDS - Qoss FOM
• Top side cooling feature provides additional
venue for thermal transfer
• 100 % Rg and UIS tested
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Synchronous rectification
•OR-ing
• High power density DC/DC
• Motor drive control
• Battery management
•Load switch
Notes
a. Based on TC = 25 °C
b. Surface mounted on 1" x 1" FR4 board
c. t = 10 s
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8DC is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
f. Maximum under steady state conditions is 54 °C/W
g. Package limited
PRODUCT SUMMARY
VDS (V)
40
RDS(on) max. (
Ω) at VGS = 10 V
0.00088
RDS(on) max. (
Ω) at VGS = 4.5 V
0.00116
Qg typ. (nC)
53
ID (A) a, g
100
Configuration
Single
PowerPAK®
SO-8DC
Top View
S
1
6.15
mm
5.15
mm
Bottom View
2
S
3
S
4
G
1
S
D
7
D
6
D
5
D
8
N-Channel MOSFET
G
D
S
ORDERING INFORMATION
Package
PowerPAK SO-8DC
Lead (Pb)-free and halogen-free
SiDR402DP-T1-GE3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
40
V
Gate-source voltage
VGS
+20, -16
Continuous drain current (TJ = 150 °C)
TC = 25 °C
ID
100 g
A
TC = 70 °C
100 g
TA = 25 °C
64.6 b, c
TA = 70 °C
51.7 b, c
Pulsed drain current (t = 100 μs)
IDM
400
Continuous source-drain diode current
TC = 25 °C
IS
100 a
TA = 25 °C
5.6 b, c
Single pulse avalanche current
L = 0.1 mH
IAS
50
Single pulse avalanche Energy
EAS
125
mJ
Maximum power dissipation
TC = 25 °C
PD
125
W
TC = 70 °C
80
TA = 25 °C
6.25 b, c
TA = 70 °C
4 b, c
Operating junction and storage temperature range
TJ, Tstg
-55 to +150
°C
Soldering recommendations (peak temperature) d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum junction-to-ambient b, f
t
≤ 10 s
RthJA
15
20
°C/W
Maximum junction-to-case (drain)
Steady state
RthJC
0.8
1
Maximum junction-to-case (source)
Steady state
RthJC
1.1
1.4


Similar Part No. - SIDR402DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIDR402DP VISHAY-SIDR402DP Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP-T1-GE3 VISHAY-SIDR402DP-T1-GE3 Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
SIDR402DP VISHAY-SIDR402DP_V01 Datasheet
233Kb / 9P
N-Channel 40 V (D-S) MOSFET
10-Jul-17
More results

Similar Description - SIDR402DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
N-Channel 40-V (D-S) MOSFET
18-Aug-03
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
N-Channel 40-V (D-S) MOSFET
01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
N-Channel 40-V (D-S) MOSFET
02-Mar-09
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
N-Channel 40-V (D-S) MOSFET
06-Apr-09
logo
Analog Power
AM3940NE ANALOGPOWER-AM3940NE Datasheet
183Kb / 3P
N-Channel 40-V (D-S) MOSFET
AM70N04-06D ANALOGPOWER-AM70N04-06D Datasheet
352Kb / 5P
N-Channel 40-V (D-S) MOSFET
AM90N04-03P ANALOGPOWER-AM90N04-03P Datasheet
335Kb / 5P
N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7884BDP-T1-E3 VISHAY-SI7884BDP-T1-E3 Datasheet
164Kb / 9P
N-Channel 40-V (D-S) MOSFET
08-Sep-08
SI2318CDS-T1-GE3 VISHAY-SI2318CDS-T1-GE3 Datasheet
239Kb / 10P
N-Channel 40 V (D-S) MOSFET
04-Oct-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com