Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMSAW6USB Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMSAW6USB
Description  2.5~6 Watts AC/DC Wall Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW6USB Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMSAW6USB Datasheet HTML 1Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 2Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 3Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 4Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev D
WMSAW6USB SERIES
2.5~6 Watts
AC/DC Wall Mount Power Supplies
03/19/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-
778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
HORIZONTAL TYPE (“H” Suffix)
United States (“U” Suffix)
United Kingdom (“K” Suffix)
Europe (“E” Suffix)
China (“C” Suffix)
Australia (“A” Suffix)
Japan (“J” Suffix)
HORIZONTAL TYPE (“V” Suffix)
United States (“U” Suffix)
United Kingdom (“K” Suffix)
Europe (“E” Suffix)
China (“C” Suffix)
Australia (“A” Suffix)
Japan (“J” Suffix)
FEATURES
Class II
Single Outputs
RoHS Compliant
100-240VAC Input Voltage Range
Low Standby Power
CEC / Energy Star Level VI (Except for 12V models)
Compliant
Vertical and Horizontal Types Available
USB Type Output Connector
Black (Standard) or White Case Colors Available
Over Voltage, Over Current, & Short Circuit Protection
UL/cUL, FCC, CE, GS, EUP, CB, BS1363, SAA, CCC,
PSE, MEPS, & C-TICK Safety Approvals
United States, United Kingdom, Europe, China, Australia,
and Japan AC Plug Types Available
DESCRIPTION
The WMSAW6USB series of Class II AC/DC wall mount power supplies provides up to 6 Watts of output power. This series consists of single output
models with an input voltage range of 100-240VAC and a USB type output connector. These supplies are protected against over voltage, over current, and
short circuit conditions. The WMSAW6USB series is RoHS and CEC/Energy Star Level VI (Except for 12V models) compliant and has UL/cUL, FCC, CE,
GS, EUP, CB, BS1363, SAA, CCC, PSE, MEPS, and C-TICK safety approvals. Vertical or horizontal package types are available for this series as well as
United States, United Kingdom, Europe, China, Australia, and Japan AC plugs.
MODEL SELECTION TABLE
Model Number (1)
Input Voltage Output Voltage Output Current Line Regulation Load Regulation Ripple & Noise(2) Output Power
Package
Type
WMSAW205USBV-xy
100~240 VAC
5 VDC
500mA
±1%
±5%
50mVp-p
2.5W
Vertical
WMSAW405USBV-xy
5 VDC
800mA
±1%
±5%
50mVp-p
4W
WMSAW505USBV-xy
5 VDC
1000mA
±1%
±5%
50mVp-p
5W
WMSAW605USBV-xy
5 VDC
1200mA
±1%
±5%
50mVp-p
6W
WMSAW306USBV-xy
6 VDC
500mA
±1%
±5%
50mVp-p
3W
WMSAW406USBV-xy
6 VDC
800mA
±1%
±5%
50mVp-p
4.8W
WMSAW606USBV-xy
6 VDC
1000mA
±1%
±5%
50mVp-p
6W
WMSAW675USBV-xy
7.5 VDC
800mA
±1%
±5%
50mVp-p
6W
WMSAW409USBV-xy
9 VDC
500mA
±1%
±5%
50mVp-p
4.5W
WMSAW509USBV-xy
9 VDC
600mA
±1%
±5%
50mVp-p
5.4W
WMSAW612USBV-xy
12 VDC
500mA
±1%
±5%
50mVp-p
6W
WMSAW205USBH-xy
100~240 VAC
5 VDC
500mA
±1%
±5%
50mVp-p
2.5W
Horizontal
WMSAW405USBH-xy
5 VDC
800mA
±1%
±5%
50mVp-p
4W
WMSAW505USBH-xy
5 VDC
1000mA
±1%
±5%
50mVp-p
5W
WMSAW605USBH-xy
5 VDC
1200mA
±1%
±5%
50mVp-p
6W
WMSAW306USBH-xy
6 VDC
500mA
±1%
±5%
50mVp-p
3W
WMSAW406USBH-xy
6 VDC
800mA
±1%
±5%
50mVp-p
4.8W
WMSAW606USBH-xy
6 VDC
1000mA
±1%
±5%
50mVp-p
6W
WMSAW675USBH-xy
7.5 VDC
800mA
±1%
±5%
50mVp-p
6W
WMSAW409USBH-xy
9 VDC
500mA
±1%
±5%
50mVp-p
4.5W
WMSAW509USBH-xy
9 VDC
600mA
±1%
±5%
50mVp-p
5.4W
WMSAW612USBH-xy
12 VDC
500mA
±1%
±5%
50mVp-p
6W


Similar Part No. - WMSAW6USB

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW605H-x WALL-WMSAW605H-x Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW605V-x WALL-WMSAW605V-x Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW606H-x WALL-WMSAW606H-x Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW606V-x WALL-WMSAW606V-x Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
More results

Similar Description - WMSAW6USB

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
AC/DC Wall Mount Power Supplies
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW14 WALL-WMSAW14 Datasheet
669Kb / 5P
6~15 Watts AC/DC Wall Mount Power Supplies Single Output
WMSPU10 WALL-WMSPU10 Datasheet
231Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com