Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMSAW6USB Datasheet(PDF) 5 Page - Wall Industries,Inc.

Part # WMSAW6USB
Description  2.5~6 Watts AC/DC Wall Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMSAW6USB Datasheet(HTML) 5 Page - Wall Industries,Inc.

  WMSAW6USB Datasheet HTML 1Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 2Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 3Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 4Page - Wall Industries,Inc. WMSAW6USB Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev D
WMSAW6USB SERIES
2.5~6 Watts
AC/DC Wall Mount Power Supplies
03/19/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-
778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 5 of 5
MODEL NUMBER SETUP
WMSAW
6
12
USB
V
-
U
W
Series Name
Output Power
Ouptut Voltage
Output Connector
Package Type
AC Plug Type
Case Color
2: 2.5 Watts
05: 5 VDC
USB: USB Type
V: Vertical
U: United States
None: Black
3: 3 Watts
06: 6 VDC
H: Horizontal
K: United Kingdom
W: White
4:
4 Watts
75: 7.5 VDC
E: Europe
4.5 watts
4.8 Watts
09: 9 VDC
A: Australia
5:
5 Watts
12: 12 VDC
C: China
5.4 Watts
J: Japan
6: 6 Watts
COMPANY INFORMATION
Wall Industries, Inc. has created custom and modified units for over 50 years. Our in-house research and development
engineers will provide a solution that exceeds your performance requirements on-time and on budget. Our ISO9001-2008
certification is just one example of our commitment to producing a high quality, well-documented product for our customers.
Our past projects demonstrate our commitment to you, our customer. Wall Industries, Inc. has a reputation for working closely
with its customers to ensure each solution meets or exceeds form, fit and function requirements. We will continue to provide
ongoing support for your project above and beyond the design and production phases. Give us a call today to discuss your
future projects.
Contact Wall Industries for further information:
Phone:
(603)778-2300
Toll Free:
(888)597-9255
Fax:
(603)778-9797
E-mail:
sales@wallindustries.com
Web:
www.wallindustries.com
Address:
5 Watson Brook Rd.
Exeter, NH 03833



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com