Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS2000Z Datasheet(PDF) 22 Page - Littelfuse

Part # PSR033FS2000Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS2000Z Datasheet(HTML) 22 Page - Littelfuse

Back Button PSR033FS2000Z Datasheet HTML 18Page - Littelfuse PSR033FS2000Z Datasheet HTML 19Page - Littelfuse PSR033FS2000Z Datasheet HTML 20Page - Littelfuse PSR033FS2000Z Datasheet HTML 21Page - Littelfuse PSR033FS2000Z Datasheet HTML 22Page - Littelfuse PSR033FS2000Z Datasheet HTML 23Page - Littelfuse PSR033FS2000Z Datasheet HTML 24Page - Littelfuse PSR033FS2000Z Datasheet HTML 25Page - Littelfuse PSR033FS2000Z Datasheet HTML 26Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
22 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
- DATA GENERATED IN EXCEL -
100
1,000
10,000
100,000
100
1,000
10,000
100,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
PEAK LET‐THRU CHARACTERISTIC CURVES
FCC05-PSR30
PSR30 40A-550A
550A -
500A -
450A -
400A -
350A -
315A -
250A -
200A -
160A -
125A -
100A -
80A -
63A -
50A -
40A -
A
B
Peak Let-Thru Curve (30 Case Size)
- DATA GENERATED IN EXCEL -
100
1,000
10,000
100,000
200
2,000
20,000
200,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
PEAK LET‐THRU CHARACTERISTIC CURVES
FCC05-PSR31
PSR31 200A-800A
800A -
700A -
630A -
550A -
500A -
450A -
400A -
350A -
315A -
250A -
200A -
A
B
Peak Let-Thru Curve (31 Case Size)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com