Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSR033FS2000Z Datasheet(PDF) 11 Page - Littelfuse

Part # PSR033FS2000Z
Description  PSR SERIES HIGH-SPEED SQUARE BODY FUSES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PSR033FS2000Z Datasheet(HTML) 11 Page - Littelfuse

Back Button PSR033FS2000Z Datasheet HTML 7Page - Littelfuse PSR033FS2000Z Datasheet HTML 8Page - Littelfuse PSR033FS2000Z Datasheet HTML 9Page - Littelfuse PSR033FS2000Z Datasheet HTML 10Page - Littelfuse PSR033FS2000Z Datasheet HTML 11Page - Littelfuse PSR033FS2000Z Datasheet HTML 12Page - Littelfuse PSR033FS2000Z Datasheet HTML 13Page - Littelfuse PSR033FS2000Z Datasheet HTML 14Page - Littelfuse PSR033FS2000Z Datasheet HTML 15Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.littelfuse.com
© 2018 Littelfuse POWR-GARD® Products
Rev: 041918
POWR-SPEED® Fuse Datasheet
11 of 28
PSR SERIES HIGH-SPEED SQUARE BODY FUSES
Dimensions (71 Case Size)
Millimeters [inches]
Document Number:
OL-PSR071FL0000 Rev. B and OL-PSR071FS0000 Rev. B
FL Stud Size:
M8x1.25 - 6H
8.0 [0.31]
FS Stud Size:
5/16-18UNC -2B
8.0 [0.31]
Recommended Torque:
13.5 Nm
FUSE WITH MICROSWITCH
84.9
[3.34]
VISUAL INDICATOR
¼" Q.C.
TERMINAL
72.2 [2.84] REF
M8x1.25 - 6H
8.00
8.50 X 82.0°
M8x1.25 - 6H
0.31
0.33 X 82.0°
[
]
51.5
[2.03]
51.5
[2.03]
57.5 [2.26] REF
20
[0.8]
73.3 - 74.7
[2.89 - 2.94]
M4x0.7 THREAD
10.00[.394]
STUD LENGTH
SEE STUD SIZE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com