Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250LPV100 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SCF5250LPV100
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250LPV100 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SCF5250LPV100 Datasheet HTML 17Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 18Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 19Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 20Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 21Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 22Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 23Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 24Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
Freescale Semiconductor
21
3.20.2
Clock Input
SCF5250 includes an on-chip crystal oscillator. The crystal should be connected between CRIN and
CROUT. An externally generated clock signal can also be used and should be connected directly to the
CRIN pin.
3.21
Wake-Up Signal
To exit power down mode, apply a LOW level to the WAKE_UP/GPIO21 input pin.
3.22
On-Chip Linear Regulator
The SCF5250 includes an on-chip linear regulator. This regulator provides an 1.2 V output which is
intended to be used to power the SCF5250 core. Three pins are associated with this function.
LININ, LINOUT and LINGND. Typically LININ would be fed by the I/O (PAD) supply (3.3 V) with
separate filtering recommended to provide some isolation between the I/O and the core.
In portable solutions this linear regulator may not be efficient enough and in this case we would expect the
1.2 V supply to be generated externally, possibly by a highly efficient DC-DC convertor.
If not used leave pins not connected.
4
Electrical Characteristics
Table 14 through Table 19 provide the electrical characteristics for the SCF5250 processor. The remaining
figures and tables in this section provide the timing diagrams and the timing parameters for the SCF5250
processor.
Table 13. Quick Reference for Electrical Characteristics
For
See
Maximum Ratings
Table 14 on page 22
Operating Temperature
Table 15 on page 22
Recommended
Operating Supply
Voltages
Table 16 on page 22
Linear Regulator
Operating Specification
Table 17 on page 23
DC Electrical
Specifications
Table 18 on page 23
Operating Parameters
for ADC DC Electrical
Characteristics
Table 19 on page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com