Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5250LPV100 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SCF5250LPV100
Description  This section provides brief descriptions of the features of the SCF5250 processor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCF5250LPV100 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SCF5250LPV100 Datasheet HTML 4Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 5Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 6Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 7Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 8Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 9Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 10Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 11Page - NXP Semiconductors SCF5250LPV100 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
8
Freescale Semiconductor
pins at the board level. In battery powered portable applications, it is recommended that an external dc-dc
converter be used to generate the 1.2V core voltage to minimize power consumption.
2
SCF5250 Block Diagram
Figure 1 illustrates the functional block diagram of the SCF5250 processor.
Figure 1. SCF5250 Block Diagram
3
Signal Descriptions
This section describes the SCF5250 processor’s input and output signals. The signal descriptions shown
in Table 2 are grouped according to relevant functionality.
V2
ColdFire®
Core
System
Bus
Controller
SDRAM Ctr
&
Chip Selects
QSPI
I2C x2
DMAs /
Timers
JTAG
12-bit
ADC
IDE
Interface
GPI/O
PLL
BDM
128K
SRAM
8K
I-Cache
Flash
Media Int
Boot
ROM
Oscillator
CD ROM
block encode
& decode
I2S Rx
x3
I2S Tx
x2
UART x2
SPDIF
Tx
SPDIF
Rx
1.2V
Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com