Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6668 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6668
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6668 Datasheet HTML 13Page - STMicroelectronics L6668 Datasheet HTML 14Page - STMicroelectronics L6668 Datasheet HTML 15Page - STMicroelectronics L6668 Datasheet HTML 16Page - STMicroelectronics L6668 Datasheet HTML 17Page - STMicroelectronics L6668 Datasheet HTML 18Page - STMicroelectronics L6668 Datasheet HTML 19Page - STMicroelectronics L6668 Datasheet HTML 20Page - STMicroelectronics L6668 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
L6668
Figure 41. Hiccup-mode OCP: timing diagram
A second comparator senses the voltage on the current sense input and shuts the IC down if the voltage
at the pin exceeds 1.5 V. Such an anomalous condition is typically generated by either a short circuit of
the secondary rectifier or a shorted secondary winding or a saturated flyback transformer.
This condition is latched as long as the IC is supplied. When the IC is disabled, however, no energy is
coming from the self-supply circuit, then the voltage on the Vcc capacitor will decay and cross the UVLO
threshold after some time, which clears the latch. The internal start-up generator is still off, then the Vcc
voltage still needs to go below its restart voltage before the Vcc capacitor is charged again and the IC re-
started.
Ultimately, either of the above mentioned failures will result in a low-frequency intermittent operation (Hic-
cup-mode operation), with very low stress on the power circuit. The timing diagram of figure 41 illustrates
this operation.
4.6 Power Management
The L6668 is specifically designed to minimize converter's losses under light or no-load conditions, and a
special function has been provided to help the designer meet energy saving requirements even in power-
factor-corrected systems where a PFC pre-regulator precedes the DC-DC converter.
Actually EMC regulations require compliance with low-frequency harmonic emission limits at nominal
load, no limit is envisaged when the converter operates with a light load. Then the PFC pre-regulator can
be turned off, thus saving the no-load consumption of this stage (0.5 to 1W).
To do so, the device provides the PFC_STOP (#14) pin: it is an open collector output, normally low, that
becomes open when the voltage VCOMP falls below 2.2V.
This signal will be externally used for switching off the PFC controller and the pre-regulator as shown in
figure 42. To prevent intermittent operation of the PFC stage, 0.5V hysteresis is provided: the PFC_STOP
pin is re-asserted low (which will re-enable the PFC pre-regulator) when VCOMP exceeds 2.7 V.
A capacitor (and a limiting resistor in the hundred ohms), shown in dotted lines, may be used if one wants
to delay PFC turn-off
When the L6668 is in UVLO (Vcc<8.7V) the pin is kept high so as to ensure that the PFC pre-regulator
will start up only after the DC-DC converter governed by the L6668 is activated.
Vcc
OUT
OCP latch
Vcc ON
Vcc OFF
re
Secondary diode is shorted here
t
t
t
t
V CS
Vcc_OK
t
1.5 V
Vcc
OUT
OCP latch
Vcc ON
Vcc OFF
re
Secondary diode is shorted here
t
t
t
t
V CS
Vcc_OK
t
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com