Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321MR Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH6321MR
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321MR Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH6321MR Datasheet HTML 2Page - Texas Instruments LMH6321MR Datasheet HTML 3Page - Texas Instruments LMH6321MR Datasheet HTML 4Page - Texas Instruments LMH6321MR Datasheet HTML 5Page - Texas Instruments LMH6321MR Datasheet HTML 6Page - Texas Instruments LMH6321MR Datasheet HTML 7Page - Texas Instruments LMH6321MR Datasheet HTML 8Page - Texas Instruments LMH6321MR Datasheet HTML 9Page - Texas Instruments LMH6321MR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
LMH6321
SNOSAL8C – APRIL 2006 – REVISED MARCH 2013
www.ti.com
±5V ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for Supply Voltage = ±5V, VCM = 0, RL ≥ 100 kΩ and RS = 50Ω, CL Open, unless otherwise
noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLVOS
Current Limit Input Offset
RL = 1 kΩ, GND = 0V
2.7
+5
mV
Voltage
±5.0
CLIB
Current Limit Input Bias Current
RL = 1 kΩ, CL = 0V
−0.5
−0.2
μA
−0.6
CL
Current Limit Common Mode
RL = 1 kΩ, GND = −3V to +4V
60
65
dB
CMRR
Rejection Ratio
56
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com