Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321MR Datasheet(PDF) 8 Page - Texas Instruments

Part # LMH6321MR
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321MR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6321MR Datasheet HTML 4Page - Texas Instruments LMH6321MR Datasheet HTML 5Page - Texas Instruments LMH6321MR Datasheet HTML 6Page - Texas Instruments LMH6321MR Datasheet HTML 7Page - Texas Instruments LMH6321MR Datasheet HTML 8Page - Texas Instruments LMH6321MR Datasheet HTML 9Page - Texas Instruments LMH6321MR Datasheet HTML 10Page - Texas Instruments LMH6321MR Datasheet HTML 11Page - Texas Instruments LMH6321MR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
TIME (5 ns/DIV)
VIN = 20 VPP
RL = 1 k:
VS = ±15V
TIME (5 ns/DIV)
VIN = 20 VPP
RL = 50:
VS = ±15V
TIME (5 ns/DIV)
VIN = 20 VPP
RL = 1 k:
VS = ±15V
TIME (5 ns/DIV)
VIN = 20 VPP
RL = 50:
VS = ±15V
TIME (10 ns/DIV)
VIN = 200 mVPP
RL = 50:
VS = ±5V
TIME (10 ns/DIV)
VIN = 200 mVPP
RL = 50:
VS = ±15V
LMH6321
SNOSAL8C – APRIL 2006 – REVISED MARCH 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Small Signal Step Response
Small Signal Step Response
Figure 9.
Figure 10.
Large Signal Step Response—Leading Edge
Large Signal Step Response—Leading Edge
Figure 11.
Figure 12.
Large Signal Step Response — Trailing Edge
Large Signal Step Response — Trailing Edge
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com