Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321MR/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321MR/NOPB
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321MR/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6321MR/NOPB Datasheet HTML 1Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 2Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 3Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 4Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 5Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 6Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 7Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 8Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
LMH6321
www.ti.com
SNOSAL8C – APRIL 2006 – REVISED MARCH 2013
±15V ELECTRICAL CHARACTERISTICS
The following specifications apply for Supply Voltage = ±15V, VCM = 0, RL ≥ 100 kΩ and RS = 50Ω, CL open, unless otherwise
noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AV
Voltage Gain
RL = 1 kΩ, VIN = ±10V
0.99
0.995
V/V
0.98
RL = 50Ω, VIN = ±10V
0.86
0.92
V/V
0.84
VOS
Input Offset Voltage
RL = 1 kΩ, RS = 0V
±4
±35
mV
±52
IB
Input Bias Current
VIN = 0V, RL = 1 kΩ, RS = 0V
±2
±15
μA
±17
R.IN
Input Resistance
R.L = 50Ω
250
k
Ω
CIN
Input Capacitance
3.5
pF
RO
Output Resistance
IO = ±10 mA
5
Ω
IS
Power Supply Current
RL = ∞, VIN = 0
11
14.5
16.5
mA
750 µA into
14.9
18.5
CL Pin
20.5
VO1
Positive Output Swing
IO = 300 mA, RS = 0V, VIN = ±VS
11.2
11.9
10.8
V
Negative Output Swing
IO = 300 mA, RS = 0V, VIN = ±VS
−11.3
−10.3
−9.8
VO2
Positive Output Swing
RL = 1 kΩ, RS = 0V, VIN = ±VS
13.1
13.4
12.9
V
Negative Output Swing
RL = 1 kΩ, RS = 0V, VIN = ±VS
−13.4
−12.9
−12.6
VO3
Positive Output Swing
RL = 50Ω, RS = 0V, VIN = ±VS
11.6
12.2
11.2
V
Negative Output Swing
RL = 50Ω, RS = 0V, VIN = ±VS
−11.9
−10.9
−10.6
VEF
Error Flag Output Voltage
RL = ∞, VIN = 0,
Normal
5.00
EF pulled up with 5 k
During
0.25
V
to +5V
Thermal
Shutdown
TSH
Thermal Shutdown Temperature
Measure Quantity is Die (Junction)
168
Temperature
°C
Hysteresis
10
ISH
Supply Current at Thermal
EF pulled up with 5 k
Ω to +5V
3
mA
Shutdown
PSSR
Power Supply Rejection Ratio
RL = 1 kΩ, VIN = 0V,
Positive
58
66
VS = ±5V to ±15V
54
dB
Negative
58
64
54
SR
Slew Rate
VIN = ±11V, RL = 1 kΩ
2900
V/
μs
VIN = ±11V, RL = 50Ω
1800
BW
−3 dB Bandwidth
VIN = ±20 mVPP, RL = 50Ω
110
MHz
LSBW
Large Signal Bandwidth
VIN = 2 VPP, RL = 50Ω
48
MHz
HD2
2nd Harmonic Distortion
VO = 2 VPP, f = 100 kHz
RL = 50Ω
−59
RL = 100Ω
−70
dBc
VO = 2 VPP, f = 1 MHz
RL = 50Ω
−57
RL = 100Ω
−68
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com