Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6321MR/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6321MR/NOPB
Description  300 mA High Speed Buffer with Adjustable Current Limit
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6321MR/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH6321MR/NOPB Datasheet HTML 1Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 2Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 3Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 4Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 5Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 6Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 7Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 8Page - Texas Instruments LMH6321MR/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LMH6321
SNOSAL8C – APRIL 2006 – REVISED MARCH 2013
www.ti.com
±15V ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply for Supply Voltage = ±15V, VCM = 0, RL ≥ 100 kΩ and RS = 50Ω, CL open, unless otherwise
noted. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
HD3
3rd Harmonic Distortion
VO = 2 VPP, f = 100 kHz
RL = 50Ω
−59
RL = 100Ω
−70
dBc
VO = 2 VPP, f = 1 MHz
RL = 50Ω
−62
RL = 100Ω
−73
en
Input Voltage Noise
f
≥ 10 kHz
2.8
nV/
√Hz
in
Input Current Noise
f
≥ 10 kHz
2.4
pA/
√Hz
ISC1
Output Short Circuit Current
VO = 0V,
Sourcing
4.5
10
15.5
Source (1)
Program Current
VIN = +3V
4.5
15.5
mA
into CL = 25 µA
Sinking
4.5
10
15.5
VIN = −3V
4.5
15.5
VO = 0V
Sourcing
280
295
308
Program Current
VIN = +3V
273
325
mA
into CL = 750 µA
Sinking
280
295
310
VIN = −3V
275
325
ISC2
Output Short Circuit Current
RS = 0V, VIN = +3V
(1) (2)
320
570
750
Source
300
920
mA
Output Short Circuit Current Sink
RS = 0V, VIN = −3V
(1) (2)
300
515
750
305
910
V/I Section
CLVOS
Current Limit Input Offset Voltage
RL = 1 kΩ, GND = 0V
±0.5
±4.0
mV
±8.0
CLIB
Current Limit Input Bias Current
RL = 1 kΩ
−0.5
−0.2
μA
−0.8
CL
Current Limit Common Mode
RL = 1 kΩ, GND = −13 to +14V
60
69
dB
CMRR
Rejection Ratio
56
(1)
VIN = + or −4V at TJ = −40°C.
(2)
For the condition where the CL pin is left open the output current should not be continuous, but instead, should be limited to low duty
cycle pulse mode such that the RMS output current is less than or equal to 300 mA.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH6321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com