Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3658 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3658
Description  Dual Source USB/AC Li Chemistry Charger IC for Portable Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3658 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3658 Datasheet HTML 1Page - National Semiconductor (TI) LM3658 Datasheet HTML 2Page - National Semiconductor (TI) LM3658 Datasheet HTML 3Page - National Semiconductor (TI) LM3658 Datasheet HTML 4Page - National Semiconductor (TI) LM3658 Datasheet HTML 5Page - National Semiconductor (TI) LM3658 Datasheet HTML 6Page - National Semiconductor (TI) LM3658 Datasheet HTML 7Page - National Semiconductor (TI) LM3658 Datasheet HTML 8Page - National Semiconductor (TI) LM3658 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram and Package Mark Information
LLP10 Package Drawing
20128202
Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” is the manufacturing plant code. “YY” is a
2-digit date code, and "ZZ" for die traceability. These codes will vary considerably. "L111B” identifies the device (part number, option, etc.).
TABLE 1. LM3658 Pin Description
Pin #
Name
Description
1
CHG_IN
AC wall adapter input pin.
2
USBpwr
USB power input pin.
3
GND
Power and signal ground pin.
4
USB_sel
Pulling this pin low limits the USB charge current to 100 mA. Pulling this pin high limits the USB
charge current to 500 mA.
5
EN_b
Pulling this pin low enables the charger. Pulling this pin high disables the charger.
6
STAT2
Active low open-drain output. Indicates charger status. This pin is capable of driving an LED as well
as GPIOs. See Operation Description section for more detail.
7
STAT1
Active low open-drain output. Indicates charger status. This pin is capable of driving an LED as well
as GPIO. See Operation Description section for more detail.
8I
SET
A resistor is connected between this pin and GND. The resistor value determines the full-rate charge
current when using the AC source.
9T
S
Battery temperature sense pin. This pin must be connected to battery pack’s temperature sense
output pin. See Operation Description section for more detail.
10
BATT
Positive battery terminal connection.
TABLE 2. Ordering Information
Order Number
Package
Marking
Supplied As
LM3658SD
L111B
1000 units, Tape-and-Reel
LM3658SDX
L111B
4500 units, Tape-and-Reel
For more information on the various options, please refer to Operation Description section.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com